PART |
Description |
Maker |
MX574A MX574AJCWI MX574AJEPI MX574AJEWI MX574AJN M |
Industry Standard Complete 12-Bit A/D Converters 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 JT 10C 10#20 PIN RECP 行业标准完整2位A / D转换 Analog to Digital Converter Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-29 RoHS Compliant: No Iudustry Standard Complete 12-Bit A/D Converters Industry-Standard, 12-Bit ADC with Reference
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
MN3850 |
Industry Standard Military 12-bit D/A Converters
|
API Technologies Corp ICST[Integrated Circuit Systems]
|
68HC705PL4 68HC05PL4 |
Industry standard 8-bit M68HC05 CPU core
|
Freescale Semiconductor, Inc
|
LTC7541AKNPBF |
Improved Industry Standard CMOS 12-Bit Multiplying DAC
|
Linear Technology
|
AV60C-048L-033F10 AV60C-048L-150F10 AV60C-048L-033 |
Industry standard pin-out & performance 100°C baseplate temperature (no derating) Industry standard pin-out & performance 100掳C baseplate temperature (no derating) Industry standard pin-out & performance 100隆?C baseplate temperature (no derating) 50-150 Watts
|
Emerson Network Power ASTEC[Astec America, Inc]
|
ARE1303 ARE1303Z ARE1306 ARE1309 ARE1312 ARE1312Z |
RE-relay. 2.6 GHz 75 ohm relays for broadcasting industry. Standard PC board terminal. Nominal voltage 4.5 V DC. 2.6 GHZ 75з RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75 RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75?/a> RELAYS FOR BROADCASTING INDUSTRY
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
LTC7545ACNPBF LTC7545ABNPBF LTC7545ABSWPBF |
Improved Industry Standard Parallel 12-Bit Multiplying DAC; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C PARALLEL, WORD INPUT LOADING, 12-BIT DAC, PDIP20 Improved Industry Standard Parallel 12-Bit Multiplying DAC; Package: PDIP; No of Pins: 20; Temperature Range: -40°C to 85°C PARALLEL, WORD INPUT LOADING, 12-BIT DAC, PDIP20 Improved Industry Standard Parallel 12-Bit Multiplying DAC; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD571 5962-8680202VA AD571KD/ AD571SCHIPS |
10-Bit A/D Converter ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom 10-Bit, A/D Converter, Complete with Reference and Clock
|
Analog Devices, Inc.
|
IRLML0060TRPBF |
Industry-Standard Pinout
|
Infineon Technologies A...
|
FL75L05A FL75L10A FL75L20 |
Industry standard footprint and pin-out
|
Delta Electronics, Inc.
|
IRF8910PBF-1 IRF8910PBF-1-15 |
Industry-standard pinout SO-8 Package
|
International Rectifier
|