PART |
Description |
Maker |
AT27BV010 AT27BV010-15TC AT27BV010-15TI AT27BV010- |
AML24 Series Rocker Switch, SPDT, 2 position, Gold Contacts, 0.110 in x 0.020 in (Solder or Quick-Connect), Non-Lighted, Rectangle, Snap-in Panel 128K X 8 OTPROM, 90 ns, PQCC32 1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M bit, 2.7-Volt to 3.6-Volt EPROM
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
M2G-4901 M2GA-7001-3 M2GA-99A1-H1ND M2GJ-7001-1 M2 |
Lighted and non-lighted/convex versions
|
Omron Electronics LLC
|
GRB293C01BB-19 |
GRB Series Full Size Rocker Switches
|
CW Industries
|
FS7UM-16A |
MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE AML31 Series, Solid State Pushbutton, Rectangular, Standard Bezel, Lighted, 1 Incandescent Lamp, DPST NO Form X , Alternate Action, Snap in panel mount 7 A, 800 V, 1.64 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
K5V10023T K5V10043T |
Right Angle Lighted THT Tact Switch
|
ITT Industries
|
K5V2CL43G K5V1CL43G K5V19043G K5V2YG43G K5V K5V1BU |
Right Angle Lighted SMT Tact Switch
|
ITT Corporation ITT[ITT Industries]
|
VLF-6000 |
Series R5 Illuminated rocker switch DPDT snap-in panel mount fully illuminated actuator Low Pass Filter DC to 6000 MHz
|
MINI[Mini-Circuits]
|
JWA2150-3041 JWA2130-2212 JWA2150-2212 JWA2140-221 |
ROCKER SWITCH, DPST, LATCHED, THROUGH HOLE-RIGHT ANGLE ROCKER SWITCH, DPST, LATCHED, THROUGH HOLE-STRAIGHT ROCKER SWITCH, DPST, LATCHED, PANEL MOUNT
|
SMK CORP
|
GRF22N2BBRLN |
Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPST; Switch Operation:On-Off; Contact Current Max:15A; Switch Terminals:Screw; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch Features:Rocker Actuator; Features: RoHS Compliant: Yes
|
THE CHERRY CORP
|
S1A0067X01 S1A0067X01-X0BO |
4.6W AUDIO POWER AMP 4.6W音频功率放大 Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPDT; Switch Operation:On-On; Contact Current Max:10A; Switch Terminals:Quick Connect; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch Features:Rocker Actuator RoHS Compliant: Yes
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
K3CB2BAA-ZZZZL7Z94 K3CB2CQD-4ZR3ZZ2Z4 K3CB2BAA-ZZZ |
ROCKER SWITCH, DPDT, LATCHED, 20A, 28VDC, PANEL MOUNT ROCKER SWITCH, DPST, MOMENTARY, 20A, 28VDC, PANEL MOUNT ROCKER SWITCH, DPST, LATCHED, 20A, 28VDC, PANEL MOUNT ROCKER SWITCH, SP3T, LATCHED, 20A, 28VDC, PANEL MOUNT ROCKER SWITCH, SPDT, MOMENTARY, 20A, 28VDC, PANEL MOUNT ROCKER SWITCH, SPST, LATCHED, 20A, 28VDC, PANEL MOUNT
|
OTTO Engineering, Inc. OTTO ENGINEERING INC
|
47A3P4R7M2RT 47A4P4R7M6RT 47ASP4R7V2QT 47ASP4R7M2Q |
ROCKER SWITCH, 3PDT, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT ROCKER SWITCH, 4PDT, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-RIGHT ANGLE ROCKER SWITCH, SPDT, MOMENTARY, 5A, 28VDC, THROUGH HOLE-STRAIGHT ROCKER SWITCH, SPDT, LATCHED, 5A, 28VDC, THROUGH HOLE-STRAIGHT ROCKER SWITCH, SPDT, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-RIGHT ANGLE
|
GRAYHILL INC
|
|