PART |
Description |
Maker |
354 354004-GY 354804-GY |
Fuse Blocks and Clips - For 3AG Fuses
|
Littelfuse, Inc.
|
2DI30Z-100 |
FUSE BLOCK (1BR003) POWER TRANSISTOR MODULE
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
520101 520003 520004 520005-GY |
Metric OMNI-BLOK Fuse Block Molded Base Type
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
Z80C30-10CME Z85C3008CME Z85C3008/CMB Z85C3010CMB |
FUSEHOLDR 2AG PNL MNT SOLDER QC Cartridge Fuse; Current Rating:80mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5mm; Fuse Terminals:Ferrule; Length:20mm; Series:218XE 通信控制 Communications Controller 通信控制
|
ZiLOG, Inc.
|
Z8681B1 |
Leaded Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes
|
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
3402.0044.XX 3402.0019.XX 3402.0014.XX 3402.0043.X |
FUSE OMF 63V 2.5A FAST BLOW ELECTRIC FUSE, 2.5A, 63VAC, 63VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
|
SCHURTER AG Schurter Inc.
|
342022 342048 |
Fuseholders - For 3AG Fuses
|
Littelfuse, Inc.
|
CC1051CPGRB20X127/12D100GRB012VI CC1051CPGRB20X127 |
ELECTRIC FUSE, 12A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 8A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 32A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 25A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 16A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 10A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 63A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 20A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 6A, 1000VDC, INLINE/HOLDER ELECTRIC FUSE, 40A, 1000VDC, INLINE/HOLDER
|
Mersen
|
BK/PCB-2-1/2-R BK/PCC-3-R BK/PCB-3-R TR/PCD-5-R |
FUSE 2-1/2A 250V FAST PCTRON LNG FAST BLOW ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON SHRT FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON LONG FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE Fuse; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
|