PART |
Description |
Maker |
82562EZ DA82562EZ |
82562EZ 10/100 Mbps Platform LAN Connect (PLC)
|
Intel Corporation
|
82562ET DA82562EX INTELCORP-DA82562ET |
82562ET 10/100 Mbps Platform LAN Connect (PLC) DATACOM, INTERFACE CIRCUIT, PDSO48
|
Intel, Corp. Intel Corp.
|
82562G |
Mbps Platform LAN Connect
|
INTEL[Intel Corporation]
|
FL-SWITCH-SMCS-14TX |
Ethernet Smart Managed Compact Switch with 14 10/100 Mbps RJ45 ports and two 100 Mbps FX-SC multi-mode ports
|
PHOENIX CONTACT
|
2832603 |
Ethernet switch, 4 TP RJ45 ports, 3 FO ports, 100 Mbps full duplex in ST-D format, automatic detection of data transmission speed of 10 or 100 Mbps (RJ45), auto crossing function
|
PHOENIX CONTACT
|
AM79C976 AM79C976KIW AM79C976KCW |
PCnet-PRO⑩ 10/100 Mbps PCI Ethernet Controller PCNET-PRO⒙ 10/100 MBPS PCI ETHERNET CONTROLLER PCnet-PRO 10/100 Mbps PCI Ethernet Controller
|
AMD[Advanced Micro Devices]
|
DJIXE972MLCA4 DJIXF972MLCA4 DJLXT972MCEA4 DJLXT972 |
Single-Port 10/100 Mbps PHY Transceiver 单端0/100 Mbps的物理层收发
|
Intel Corp. Intel, Corp.
|
ADN4694E ADN4692E ADN4695E ADN4690E |
3.3 V, 100 Mbps, Half-Duplex, High Speed M-LVDS Transceiver with Type 2 Receiver 3.3 V, 100 Mbps, Full-Duplex, High Speed M-LVDS Transceiver with Type 1 Receiver 3.3 V, 100 Mbps, Full-Duplex, High Speed M-LVDS Transceiver with Type 2 Receiver 3.3 V, 100 Mbps, Half-Duplex, High Speed M-LVDS Transceiver with Type 1 Receiver
|
Analog Devices
|
M02046-15 M02046-15EVM M02046-25 |
3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
|
M/A-COM Technology Solu...
|
WJLXT972MLCA4 DJLXT972MLAA4 DJLXT972MLCA4 DJLXT972 |
Single-Port 10/100 Mbps PHY Transceiver
|
INTEL[Intel Corporation]
|
AR8031 |
Integrated 10/100/1000 Mbps Ethernet Transceiver
|
Atheros Communications
|