PART |
Description |
Maker |
NTR2101P NTR2101PT1 |
Small Signal MOSFET 8.0V, 3.7A, Single P Channel, SOT23(8.0V, 3.7A双功率MOSFET) 小信号MOSFET 8.0V.7A,单P通道,SOT23封装8.0V.7A双功率MOSFET的) Small Signal MOSFET -8 V, -3.7 A, Single P-Channel, SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 3700 mA, 8 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
ON Semiconductor
|
2SA1666YI-UL 2SA1666YI-TR 2SC4903YL-UL 2SA1666YI-0 |
200 mA, 15 V, PNP, Si, SMALL SIGNAL TRANSISTOR Si, NPN, RF SMALL SIGNAL TRANSISTOR 100 mA, 8 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.2 A, 30 V, 7.5 ohm, P-CHANNEL, Si, POWER, MOSFET 0.2 A, 30 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET 0.2 A, 50 V, 12 ohm, P-CHANNEL, Si, POWER, MOSFET 0.2 A, 20 V, 9 ohm, P-CHANNEL, Si, POWER, MOSFET 0.2 A, 50 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET 0.2 A, 20 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET UHF BAND, Si, RF SMALL SIGNAL, FET 3000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1 A, 60 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET 100 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 8 V, NPN, Si, SMALL SIGNAL TRANSISTOR 20 A, 60 V, 0.095 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 100 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET 100 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.3 A, 100 V, 6.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-92 2 A, 20 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET 2 A, 900 V, 7 ohm, N-CHANNEL, Si, POWER, MOSFET 5 A, 30 V, 0.13 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Bourns, Inc. LEDtronics, Inc. Integrated Device Technology, Inc. Vishay Beyschlag Air Cost Control Mini-Circuits Moeller Electric, Corp. OSRAM GmbH Cooper Hand Tools KOA Speer Electronics,Inc. ProMOS Technologies, Inc.
|
FDS4435 FDS4435D84Z FDS4435F011 |
P-Channel Logic Level PowerTrenchTM MOSFET 8800 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 9000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 8.8 A, 30 V, 0.02 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
2N7002E11 2N7002ET1G 2N7002ET3G |
Small Signal MOSFET 60 V, 310 mA, Single, N.Channel, SOT.23 Small Signal MOSFET 60 V, 310 mA, TRENCH, N-Channel 260 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Small Signal MOSFET
|
ON Semiconductor
|
VP0300L-1TA VP0300L-1TR1 VP0300M-1TA VP0300M-1TR1 |
320 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-226AA 500 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-237AA TO-237, 3 PIN
|
Vishay Intertechnology, Inc.
|
2SK3991-ZK-E1-AZ 2SK3991-ZK-E2 2SK3991-AZ |
30000 mA, 25 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-252AA LEAD FREE, TO-252, MP-3ZK, 3 PIN 30000 mA, 25 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-251AA
|
NEC, Corp.
|
BSS84DW2 BSS84DW-7-F |
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 130 mA, 50 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
DMN5L06V-7 DMN5L06VA-7 |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 280 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc.
|
UPA675T UPA675T-T1 UPA675T-T2 UPA675T-A |
100 mA, 16 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING N-channel enhancement type MOS FET
|
NEC
|
|