PART |
Description |
Maker |
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
BB1 BB1A4A BB1A4M BB1L3N BB1A3M BB1F3P BB1J3P BB1L |
COMPOUND TRANSISTOR on-chip resistor NPN silicon epitaxial transistor For mid-speed switching Hybrid transistor
|
NEC Corp. NEC[NEC]
|
2SB798 2SB798-T2 2SB798-T1 2SB794L 2SB798DK-AZ 2SB |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR MINIMOLD PACKAGE-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1.5A I(C) | TO-126 PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
IRC Advanced Film NEC[NEC]
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
FA1F4Z FA1F4ZL65 FA1F4Z-L FA1F4Z-T2B |
Compound transistor MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD TRANSISTOR | 60V V(BR)CEO | 100MA I(C) | SOT-346
|
NEC Corp.
|
SPP12N50C3 SPI12N50C3 SPA12N50C3 SPB12N50C3 |
Cool MOSPower Transistor 酷马鞍山⑩功率晶体管 for lowest Conduction Losses & fastest Switching COOL MOS⒙ POWER TRANSISTOR Cool MOS⑩ Power Transistor Cool MOS Power Transistor Cool MOS?/a> Power Transistor
|
INFINEON[Infineon Technologies AG]
|
2SA20881 2SB11321 2SB11841 2SB1198K1 2SB12601 2SB1 |
Medium power transistor (?60V, ?0.5A) Medium Power Transistor (?32V,?1A) Power Transistor (?60V, ?3A) Low-frequency Transistor (-80V, -0.5A) Power Transistor (?80V, ?1A) Low VCE(sat) Transistor (?20V, ?3A) Power transistor (?20V, ?2A) General purpose amplification (?30V, ?1A) Low frequency amplifier Medium power transistor (−60V, −0.5A)
|
ROHM[Rohm]
|
KTC1027 KTC1027O KTC1027-15 |
EPITAXIAL PLANAR NPN TRANSISTOR General Purpose Transistor 800 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
KEC(Korea Electronics) Korea Electronics (KEC)
|
CP305 |
Chip Form: SILICON TRANSISTOR Small Signal Transistor NPN - High Current Transistor Chip
|
CENTRAL[Central Semiconductor Corp]
|
CP611 |
Power Transistor PNP - Amp / Switch Transistor Chip Chip Form: SILICON TRANSISTOR
|
Central Semiconductor Corp
|
FCX688B FCX688BTA |
TRANSISTOR NPN 12V 3000MA SOT-89 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER (SWITCHING) TRANSISTOR
|
Zetex Semiconductor PLC Zetex Semiconductors
|