PART |
Description |
Maker |
VDD60SCTA VDD20LCTA VDD18LCTA VDD18LNTA VDD18MNTA |
Low voltage, Low power, 1% High detect accuracy CMOS Voltage Detector with Delay circuit
|
AnaSem Hong Kong Limited
|
IC62VV1008LL IC62VV1008L IC62VV1008L-100B IC62VV10 |
70ns; 1.8V; 1M x 8 ultra low power CMOS static RAM 1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 100ns; 1.8V; 1M x 8 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
MAX4641 MAX4641EGA MAX4641EUA MAX4642 MAX4642EGA M |
High-Speed, Low-Voltage, 4? Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4, Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4з, Dual SPST CMOS Analog Switches High-Speed / Low-Voltage / 4 / Dual SPST CMOS Analog Switches High-Speed.Low-Voltage.4<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST CMOS Analog Switches 高速,低电压,4з双通道SPST CMOS模拟开 High-Speed, Low-Voltage, 4蟹, Dual SPST CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BS62LV2001TI BS62LV2001 BS62LV2001DC BS62LV2001DI |
Very Low Power/Voltage CMOS SRAM 256K X 8 bit Very low power/voltage CMOS SRAM 256K X 8 bit, 70ns Very low power/voltage CMOS SRAM 256K X 8 bit, 100ns
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor]
|
KM616FS4110ZI-10 KM616FS4110ZI-7 |
100ns; V(cc): -2 to 3V; 1W; 256K x 16-bit super low power and low voltage full CMOS static RAM 70ns; V(cc): -2 to 3V; 1W; 256K x 16-bit super low power and low voltage full CMOS static RAM
|
Samsung Electronic
|
MAX4503 MAX4503C_D MAX4503CPA MAX4503CSA MAX4503CU |
Low-Voltage Dual-Supply SPST CMOS Analog Switches Low-Voltage, Dual-Supply, SPST,CMOS Analog Switches Low-Voltage / Dual-Supply / SPST / CMOS Analog Switches SWITCH TACT 6MM RIGHT ANG 250GF Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP8 Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO5 Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches 低电压,双电源,聚苯乙烯,CMOS模拟开 Interface IC 接口IC Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MC74LCX57405 MC74LCX74DG MC74LCX7405 MC74LCX86DR2G |
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
K6T8008C2M K6T8008C2M-B K6T8008C2M-F K6T8008C2M-RB |
1Mx8 bit Low Power and Low Voltage CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
K6T2008S2A |
256K X 8 Bit Low Power And Low Voltage CMOS Static RAM
|
Samsung Semiconductor
|
65WV2568DALL IS62/65WV2568DBLL IS62/65WV2568DALL |
256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|