PART |
Description |
Maker |
ATTINY13 |
1-Kbyte In-System programmable Flash Program Memory, 64-Byte SRAM, 64-Byte EEPROM, 32-Byte Register File, 4-channel 10-bit A/D, Up to 16 MIPS throughput at 16 MHz, 5 Volts. 1.8 - 5.5 Volt Operation.
|
Atmel
|
P89LPC932A1FDH P89LPC932A1FHN |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
|
Philips
|
AT05SC3208R |
Low-power, industry standard 8-bit secure microcontroller with 32K Byte ROM, 8K Byte EEPROM, 1K RAM.
|
Atmel
|
AT90S1200 |
1-Kbyte In-System programmable Flash Program Memory, 64-Byte EEPROM, 32-Byte Register File, Up to 12 MIPS throughput at 12 MHz.
|
Atmel
|
AT28HC256NBSP AT28HC256 AT28HC256-90TI AT28HC256-9 |
128Kx8 EEPROM From old datasheet system 256K EEPROM with 64-Byte Page & Software Protection
|
Atmel Corp
|
AT90SC4816RS |
AT90SC4816RS Summary [Updated 06/03. 2 Pages] Summary of the AT90SC4816RS giving the key features. a brief description and a block diagram. Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Security Features: MMU, MED, OTP (One Time Programmable) EEPROM area, RNG (random Number Generator), "out of bounds" detectors, side chann
|
Atmel
|
X28C513JI-12T2C7345 X28C513EM-12C7309 X28C512J-15T |
5V, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC 64K X 8 EEPROM 5V, 120 ns, PQCC32 5V, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 64K X 8 EEPROM 5V, 120 ns, PQCC32 5V, Byte Alterable EEPROM; Temperature Range: -55°C to 125°C; Package: 32-CLCC 64K X 8 EEPROM 5V, 120 ns, CQCC32 5V, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC T&R 64K X 8 EEPROM 5V, 150 ns, PQCC32 5V, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC 64K X 8 EEPROM 5V, 150 ns, PQCC32
|
Intersil, Corp.
|
FT28HC256SMB-12 FT28HC256SMB-15 FT28HC256SMB-90 FT |
5 Volt, Byte Alterable EEPROM
|
Force Technologies Ltd
|
OPB992L55 OPB992P15 OPB992N11 OPB992L15 OPB990N51 |
128K SPI SERIAL EEPROM W/ 64-BYTE PAGE, 1.8V, -40C to 85C, 8-SOIC 150mil, TUBE 128K SPI SERIAL EEPROM W/ 64-BYTE PAGE, 1.8V, -40C to 85C, 8-TSSOP, T/R 128K SPI SERIAL EEPROM W/ 64-BYTE PAGE, 1.8V, -40C to 85C, 8-TSSOP, TUBE 128K SPI SERAL EEPROM W/ 64 BYTE PAGE, 1.8V, -40C to 85C, 8-PDIP, TUBE 8K SPI 1K X 8, 16B PAGE, 1.8V SER EE, -40C to 85C, 8-SOIC 150mil, TUBE 2K, 256 X 8, 1.8V SER EE, -40C to 125C, 6-SOT-23, T/R 2K, 256 X 8, 1.8V SER EE, -40C to 125C, 8-TSSOP, T/R 2K, 256 X 8, 1.8V SER EE, -40C to 85C, 8-SOIC 150mil, TUBE
|
TT electronics OPTEK Technology Central Semiconductor, Corp.
|
CAT28C16AKI-20 CAT25C03U-1.8 CAT25040YI-GT3 CAT24W |
EEPROM (256x8) 2K 1.8-6.0 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS EEPROM (4kx8) 32K 1.8-6.0 EEPROM (2048x8) 16K EEPROM (256x8) 2K 2.5-6.0 EEPROM 64K X 8 512K 5V EEPROM (256x8) (128x16) 2K EEPROM (8kx8) 64K 3V EEPROM (512x8) (256x16) 4K EEPROM (2048x8)(1024x16)16K EEPROM (128x8) 1k 1.8-6.0 EEPROM (8kx8) 64K 1.8-6.0 EEPROM 16K-Bit CMOS PARA EEPROM EEPROM (512x8) 4k 2.5-6.0 EEPROM (4096x8) 32k 1.8-6.0 EEPROM (384x8) 128k 16 EEPROM (2Kx8) 16K 5V 90ns
|
Electronic Theatre Controls, Inc. ON Semiconductor Qualtek Electronics, Corp. Lumex, Inc. Vicor, Corp. EPCOS AG NXP Semiconductors N.V. Atmel, Corp. Linear Technology, Corp. Amphenol, Corp. Bourns, Inc. TE Connectivity, Ltd. Integrated Silicon Solution, Inc. Anpec Electronics, Corp.
|
SLE66C320S-T85-C SLE66C320S-V5-C SLE66C320SC SLE66 |
Security & Chip Card ICs SLE 66C320S 安全 Security & Chip Card ICs SLE 66C320S 16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 32-Kbyte EEPROM(16位安全控制器(B>32-KB ROM,1280B RAM, 32KB EEPROM)) 16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 32-Kbyte EEPROM(16位安全控制器(32-KB ROM,1280B RAM, 32KB EEPROM)) 16位安全控制器32字节ROM280字节RAM32字节的EEPROM6位安全控制器(带32 - KB的光盘,1280B的RAM32KB的EEPROM的)
|
INFINEON[Infineon Technologies AG] SIEMENS AG
|
|