PART |
Description |
Maker |
HS-6617RH-T 5962R9570801TXC |
Radiation Hardened 2K x 8 CMOS PROM(???灏?MOS 16K???绋?OM) Radiation Hardened 2K x 8 CMOS PROM 2K X 8 OTPROM, 100 ns, CDFP24 Radiation Hardened 2K x 8 CMOS PROM(抗辐射CMOS 16K可编程ROM)
|
Intersil, Corp. Intersil Corporation
|
2N7632UC IRHLUC7630Z4 IRHLUC7670Z4 IRHLUC7670Z4-15 |
RADIATION HARDENED60V, Combination 1N-1P-CHANNELLOGIC LEVEL POWER MOSFET RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT Simple Drive Requirements
|
International Rectifier
|
FSPYC260D1 FSPYC260F FSPYC260F4 FN4850 FSPYC260R4 |
From old datasheet system Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs(抗辐N沟道MOS场效应管) 抗辐射,抗SEGR N沟道功率MOSFET(抗辐射沟道马鞍山场效应管) Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 58 A, 200 V, 0.031 ohm, N-CHANNEL, Si, POWER, MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ACS32HMSR-03 ACS32D ACS32K ACS32MS 5962F9862401VCC |
Radiation Hardened Quad 2-Input OR Gate AC SERIES, QUAD 2-INPUT OR GATE, UUC16 Radiation Hardened Quad 2-Input OR Gate AC SERIES, QUAD 2-INPUT OR GATE, CDIP14 Quadruple Bus Buffer Gate With 3-State Outputs 14-SO 0 to 70 Radiation Hardened Quad 2-Input OR Gate(抗辐射四2输入或门)
|
Intersil, Corp. Intersil Corporation
|
HS9-OP470ARH-Q HS-OP470AR HS-OP470ARH 5962R9853301 |
16 AMP SPDT MINIATURE POWER RELAY Radiation Hardened, Very Low Noise
Quad Operational Amplifier(抗辐射低噪声四路运算放大 Radiation Hardened, Very Low Noise Quad Operational Amplifier Radiation Hardened/ Very Low Noise Quad Operational Amplifier
|
Intersil Corporation
|
ACT8502 ACT8502-7 ACT8502-C ACT8502-I ACT8502-S AC |
ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|
HCS573MS HCS573D HCS573DMSR HCS573HMSR HCS573K HCS |
Radiation Hardened Octal Transparent Latch/ Three-State Radiation Hardened Octal Transparent Latch, Three-State HC/UH SERIES, 8-BIT DRIVER, TRUE OUTPUT, CDFP20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HS2-2620RH-Q HS-2620RH HS-2622RH HS2-2622RH-Q HS7B |
Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers OP-AMP, 6000 uV OFFSET-MAX, MBCY8 Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers OP-AMP, 100 MHz BAND WIDTH, CDIP8 Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers OP-AMP, 4000 uV OFFSET-MAX, 100 MHz BAND WIDTH, CDIP8 Radiation Hardened/ Very Wideband/ High Input Impedance Uncompensated Operational Amplifiers Radiation Hardened, Very Wideband, High
Input Impedance Uncompensated
Operational Amplifiers(抗辐射、宽带、高输入阻抗、低输入偏置电流非补偿性运算放大器)
|
Intersil, Corp. Intersil Corporation
|
OMR9805SC OMR9805SF |
Hi-Rel Adjustable 4.1V-5.1V Linear Radiation Hardened Regulator in a MO-078AA Package 高可靠性可调为4.1V,抗辐射.1V线性稳压器在的MO - 078AA封装 Hi-Rel Adjustable 4.1V-5.1V Linear Radiation Hardened Regulator in a 8-Pin FLAT-PAK Package
|
Tektronix, Inc. International Rectifier
|
5962F9854101VXC ACS244MS ACS244D 5962F9854101VRC A |
Buffer/Line Driver, Non-Inverting, Octal, Tri-State Rad-Hard, Advanced Logic, CMOS Radiation Hardened Non-Inverting/ Octal/ Three-State Buffer/Line Driver Radiation Hardened
Non Inverting, Octal, Three-State Buffer/Line Driver(抗辐射同相、八路三态缓冲器/线驱动器) Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, UUC22 CONTACT RACK & PANEL SOLDERTAIL AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDFP20 Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver AC SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, CDFP20
|
Intersil Corporation Intersil, Corp.
|