PART |
Description |
Maker |
5429FCT520CTD 5429FCT520CTDB 5429FCT520CTE 5429FCT |
CONNECTOR ACCESSORY 连接器附 MULTILEVEL PIPELINE REGISTERS 多级管道登记 MULTILEVEL PIPELINE REGISTERS
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology] http://
|
IDT29FCT520C IDT29FCT520BSOB IDT29FCT520BSO IDT29F |
MULTILEVEL PIPELINE REGISTER 8-BIT, DSP-PIPELINE REGISTER, CQCC28 MULTILEVEL PIPELINE REGISTER 8-BIT, DSP-PIPELINE REGISTER, CDIP24
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
IDT29FCT520BTSO IDT29FCT520BTSO8 IDT29FCT520T IDT2 |
MultiLevel PipeLine Register
|
IDT
|
AS7C33128PFD36A-166TQI AS7C33128PFD32A AS7C33128PF |
3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 150MHz 3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 133MHz 3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 100MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 166MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 150MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 133MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 100MHz 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor Corp...
|
AS7C33128PFD32_36B AS7C33128PFD36B-200TQIN AS7C331 |
Sync SRAM - 3.3V LM397 Single General Purpose Voltage Comparator; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 4 ns, PQFP100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 3.3 128K的X 32/36管道爆裂同步SRAM
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc.
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
NB6L11 NB6L11DTR2 NB6L11D NB6L11DR2 NB6L11DT |
2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR 6L SERIES, LOW SKEW CLOCK DRIVER, 2 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 6GHz 2.5V/3.3V Multilevel Input to Differential LVNECL/LVPECL 1:2 Clock or Data Fanout Buffer/Transl From old datasheet system
|
ONSEMI[ON Semiconductor]
|
PI74FCT162374T PI74FCT162H374T PI74FCT16374T PI74F |
FCT SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Fast CMOS 16-Bit Registers (3-State) Fast CMOS 16-bit register (3-state)
|
PERICOM[Pericom Semiconductor Corporation] ETC Pericom Technology
|
MB814100C-60 MB814100C-70 |
CMOS 4 M ×1 BIT
Fast Page Mode DRAM(CMOS 4 M ×1 位快速页面存取模式动态RAM) CMOS 4 M ×1 BIT
Fast Page Mode DRAM(CMOS 4 M ×1位快速页面存取模式动态RAM)
|
Fujitsu Limited
|
MB81V4400C-60 MB81V4400C-70 |
CMOS 1M x 4 Bit Fast Page Mode Dynamic RAM(CMOS 1M x 4位快速页模式动态RAM)
|
Fujitsu Limited
|