PART |
Description |
Maker |
MXR-8RE-8SE MXR-8RE-8SD MXR-8RE-8SB MXR-8RE-8SA MX |
Hirose Electric PQ 2 HIP4 REV-C NO-PB DEV BRD W/ETHNT 10/100TX MXR Type Connectors Miniature Push-Pull Connectors with Ground Function 重联型连接器微型推拉与地面功能的连接 INTEGRATED HOST PROC 重联型连接器微型推拉与地面功能的连接
|
19 HIROSE[Hirose Electric] Hirose Electric USA, INC. http:// HIROSE ELECTRIC Co., Ltd.
|
SG1524 SG1524J SG1524J_883B SG1524J_DESC SG1524L S |
REGULATING PULSE WIDTH MODULATOR Voltage Mode PWMs POWERQUICC II HIP4 REV B 0.1 A SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO16
|
MICROSEMI[Microsemi Corporation]
|
XC3090L XC3000L XC3020L XC3030L XC3042L XC3064L |
Part of the ZERO family of 3.3 V FPGAs XC3000L Low Voltage Logic Cell Array Family
|
XILINX[Xilinx, Inc]
|
HCPL-253L HCPL-250L-XXXE HCPL-053L HCPL-050L HCPL- |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps HCPL-053L · 3.3V Digital Optocoupler Family HCPL-050L · 3.3V Digital Optocoupler Family HCPL-253L · 3.3V Digital Optocoupler Family HCPL-250L · 3.3V Digital Optocoupler Family LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s) LVTTL /LVCMOS兼容3.3伏光耦(1 Mb /秒)
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) HIROSE ELECTRIC Co., Ltd.
|
GS-R400V GS-R424 GS-R400VB GS-R405 GS-R405S GS-R41 |
20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN, SWITCHING REGULATOR FAMILY 20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY From old datasheet system 1-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
ST62E65B ST62T60B ST62T63B ST62T65B ST62T81 ST62E4 |
Gang Programmers for ST62 MCU Family(ST62绯诲????绋??) Gang Programmers for ST62 MCU Family(ST62系列的编程器) 为ST62微控制器系列(ST62系列的编程器编程钢) EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY
|
STMicroelectronics N.V. 意法半导 http:// STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
EPF6016TC1 EPF6016TC144-3 EPF6016ATC144-2 EPF6016A |
Programmable Logic Device Family Flex 6000 Device Family (5.0V)
|
ALTERA
|
XC4VLX40 XC4VLX100 XC4VLX15 XC4VLX160 XC4VLX200 XC |
High-performance logic applications solution Virtex-4⑩ Family / newest generation FPGA VIRTEX-4⒙ FAMILY / NEWEST GENERATION FPGA Virtex-4??Family / newest generation FPGA Virtex-4 Family / newest generation FPGA Virtex-4?/a> Family / newest generation FPGA
|
XILINX[Xilinx, Inc] http://
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
175T48 GS175T48-5E GS120 GS120T48-3.3 GS120T48-3.3 |
128 x 128 pixel format, LED or EL Backlight available 120W/175W的DC - DC转换器家 120W/175W DC-DC CONVERTERS FAMILY 120W/175WDC - DC转换器家 120W/175W DC-DC CONVERTERS FAMILY 120W/175W的DC - DC转换器家 120 W / 175 W DC-DC CONVERTERS FAMILY
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
HD40A46812 HD40A4688 HD40A4689 HD4074889 HD407A468 |
H46XX Family Microcomputers H48XX Family Microcomputers
|
Hitachi Semiconductor
|
LT1460HCS3-10 LT1460HCS3-2.5 LT1460HCS3-3 LT1460HC |
Family of Micropower Series References in SOT-23 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 Family of Micropower Series References in SOT-23 家庭的微系列参考采用SOT - 23
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|