PART |
Description |
Maker |
SG120 SG120A-8T_883B SG120-12IG SG120-12IG_883B SG |
Negative Fixed Linear Voltage Regulators BOX 4.94X2.75X1.275 AA W/CLP ALMOND NEGATIVE FIXED VOLTAGE REGULATOR 8 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 负固定电压调节器 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 20 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, MSFM3 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MSFM3 HIGH SURGE CARBON COMP REPLACEMENT RESISTOR , 1K, 5% 负固定电压调节器 NEGATIVE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MSFM3 NEGATIVE FIXED VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE REGULATOR, MBFM2 NEGATIVE FIXED VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE REGULATOR, MBCY3 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, CQCC20 NEGATIVE FIXED VOLTAGE REGULATOR 18 V FIXED NEGATIVE REGULATOR, MBCY3
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
M74HC4078 M54HC4078 1971 M74HC4078B1R M74HC4078M1R |
12-Bit DAC Parallel Voltage Out Pgrmable Int Ref Settling Time, Pwr Consumption, 8-bit uC Comp Int 20-SOIC 0 to 70 8 INPUT NOR/OR GATE From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
SMDJ33A SMDJ14A |
3000 Watt TVS Comp onent
|
Protek Devices
|
ATS-59007-C1-R0 |
maxiGRIP HS Assembly, T766, BLACK-ANODIZED, 35MM COMP
|
Advanced Thermal Solutions, Inc.
|
DMC16249UB DMC16249 |
SENS ACCLRMTR 5G TEMP COMP LCD Module Specification
|
Optrex America, Inc. OPTREX[OPTREX CORPORATION]
|
ATS-59003-C1-R0 |
maxiGRIP HS Assembly, T766, BLACK-ANODIZED, 25MM COMP
|
Advanced Thermal Solutions, Inc.
|
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
AT28BV256 AT28BV256-20 AT28BV256-25 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 256K (32K x 8) Battery-Voltage Parallel EEPROMs
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
TC1041CEUA TC1041 TC1041CEOA |
The TC1041 is a mixed-function device combining two comparators and a voltage reference in a single 8-pin package. The inverting inputs of both comparators are internally connected to the reference. This increased integration allows the us Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
|
MICROCHIP[Microchip Technology]
|
MSK613-15 MSK613H |
Ultra Low Quiescent Current - ±10mA for High Voltage HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|
ISL6520A |
PWM Controller, 5V Input, VOUT 0.8V Min @ 1.5%, 300kHz, COMP/OCSET Pin, with Shoot-Thru Protection
|
Intersil
|