PART |
Description |
Maker |
MB86046B |
MB86046B is home bus protocol controller for the home bus interface
|
List of Unclassifed Manufacturers
|
AM79C978 AM79C978KC/W |
PCnet-Home Single-Chip 1/10 Mbps PCI Home Networking Controller 15NS, 100 TQFP, IND TEMP(EPLD)
|
Advanced Micro Devices, Inc.
|
M24LR64-R1006 M24LR64-RS185_2 M24LR64-RMN6T_2 M24L |
64 Kbit EEPROM with password protection & dual interface: 400 kHz I漏梅C serial bus & ISO 15693 RF protocol at 13.56 MHz
|
STMicroelectronics
|
M24LR64-R-MN6T_2 M24LR64-R-DW6T_2 M24LR64-R-MB6T_2 |
64 Kbit EEPROM with password protection & dual interface: 400kHz I漏梅C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
|
STMicroelectronics
|
MCP2140-IP MCP2140-ISO MCP2140-ISS MCP2140_03 MCP2 |
MCP2140 embeds IrDA protocol handling and bit encoding/decoding, and provides the lowest cost, lowest power consumption solution ... IrDA㈢ Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
|
MICROCHIP[Microchip Technology]
|
ISL3332 ISL3332IAZ ISL3333IRZ |
3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers; Temperature Range: -40°C to 85°C; Package: 28-SSOP DUAL LINE TRANSCEIVER, PDSO28 3.3V, ±15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers 3.3V, 隆戮15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
|
Intersil, Corp. Intersil Corporation
|
MCP2155I/SS MCP2155-I/SO MCP2155-I/P MCP2155 |
IrDA Standard Protocol Stack Controller Supporting DCE Applications(提供IrDA协议来处理PLUS位的编码/译码功能,这是为了在一个低引脚的计数设备上实现数据传输功能(DCE)而提供的) ItDA Standard Protocol Stack Controller Supporting DCE Applications ItDA Standard Protocol Stack Controller Supporting DCE Applications
|
Microchip Technology Inc.
|
BR24L64FJ-WE2 BR24L02FVM-WTR BR24L04NUX-WTR BR24L0 |
I2C BUS 64Kbit(8192x8bit) EEPROM I2C BUS 2Kbit(256x8bit) EEPROM I2C BUS 4Kbit(512x8bit) EEPROM I2C BUS 1Kbit(128x8bit) EEPROM I2C BUS 8Kbit(1024x8bit) EEPROM I2C BUS 16Kbit(2048x8bit) EEPROM I2C BUS 32Kbit(4096x8bit) EEPROM
|
ROHM
|
UT1553RTMP-WCA UT1553RTMP-WCC UT1553RTMP-WPC |
Remote terminal multi-protocol. Flow mil-temp. Lead finish solder. Remote terminal multi-protocol. Flow mil-temp. Lead finish gold. Remote terminal multi-protocol. Flow phototype. Lead finish gold.
|
Aeroflex Circuit Technology
|
MB89351 |
SCSI Protocol Controller
|
Fujitsu
|
EZR32LG230F64R55G EZR32LG230F128R55G |
Building and home automation
|
Silicon Laboratories
|