PART |
Description |
Maker |
74VHC74MTC 74VHC74N 74VHC74SJ 74VHC74 74VHC74MTCX |
Dual D-Type Flip-Flop 双D型触发器 Supervisor Push-Pull Active High, -40C to 85C, 3-SOT-23, T/R Dual D-Type Flip-Flop with Preset and Clear
|
Fairchild Semiconductor, Corp.
|
74LCX16374 74LCX16374GX 74LCX16374MEAX |
FLIP-FLOP|16-BIT|D TYPE|LCX-CMOS|SSOP|48PIN|PLASTIC 触发器| 16位| D型|回旋支全CMOS | SSOP封装| 48PIN |塑料 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp.
|
MC100EP01 MC10EP445 MC10H172FNR2 MC100EL29 MC100H6 |
3.3V / 5V ECL 4-Input OR/NOR 3.3V / 5VECL 8-Bit Serial/Parallel Converter Dual Binary 1-4-Decoder (High) 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset 9-Bit TTL-ECL Translator Quad TTL-ECL Translator Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 5V ECL Voltage Controlled Oscillator 3.3V ECL D-Type Flip-Flop with Set and Reset Binary to 1-8 Decoder (Low) Differential -5V ECL To TTL Translator -3.3V / -5V Triple ECL Input to PECL Output Translator 5V ECL Dual Differential 2:1 Multiplexer Quad MSTR 5V ECL Quad 4-Input OR/NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset Dual 4-5-Input OR/NOR
|
ON Semiconductor
|
74ALVT162821 AV162821DL 74ALVT162821DGG 74ALVT1628 |
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30Ω termination resistors(3-State)(30 Ω终端电阻.5V/3.3V 20位总线接口上升沿触D触发器(三态)) 2.5V/3.3V0位总线接口D型触发器,积极与30Ω终端电阻3态)(带30Ω终端电阻.5V/3.3V0位总线接口上升沿触发沿触发触发器(三态) Dual 2-Line To 4-Line Decoders/Demultiplexers 16-SO -40 to 85 2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State 2.5 V / 3.3 V 20-bit bus-interface D-type flip-flop, positive-edge trigger with 30 Ohm termination resistors (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC10H109FNR2 MC10H131 MC100EP140 MC100E155FN MC100 |
Dual 4-5-Input OR/NOR Gate Dual Type D Master-Slave Flip-Flop 3.3V ECL Phase-Frequency Detector 5V ECL 6-Bit 2:1 Mux Latch 5V ECL Differential Data and Clock D Flip-Flop 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver ECL/TTL Clock Driver 3.3V / 5V 2-Input Differential AND/NAND 5V ECL 2:1 Multiplexer 3.3V / 5V ECL JK Flip Flop 3.3V ECL 1:4 ÷ 1/÷ 2 Clock Fanout Buffer 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator Dual 2-Bit Adder/Subtractor
|
ON Semiconductor
|
EN29F040A-70TI EN29F040A-70TC EN29F040A-70TCP EN29 |
4 Megabit (512K x 8-bit) Flash Memory 4兆位(为512k × 8位)闪存 Dual D-Type Positive Edge-Triggered Flip-Flop; Package: DIP; No of Pins: 14; Container: Rail Dual D-Type Positive Edge-Triggered Flip-Flop; Package: TSSOP; No of Pins: 14; Container: Tape & Reel Dual D-Type Positive Edge-Triggered Flip-Flop; Package: TSSOP; No of Pins: 14; Container: Rail 4 Megabit (512K x 8-bit) Flash Memory
|
Electronic Theatre Controls, Inc. Eon Silicon Solution Inc. Eon Silicon Solution In...
|
74ALVC16374/D 74ALVC16374-D |
Low-Voltage 1.8/2.5/3.3 V
16-Bit D-Type Flip-Flop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting) Low-Voltage 1.8/2.5/3.3 V 16 Bit D-Type Flip-Flop
|
ON Semiconductor
|
74AUP2G79GF 74AUP2G79GS |
Low-power dual D-type flip-flop; positive-edge trigger AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
HCTS74KTR HCTS74T HCTS74DTR |
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS 20-LCCC -55 to 125 Radiation Hardened Dual-D Flip-Flop with
Set and Reset(抗辐射双D触发器(带置位、复位)) Radiation Hardened Dual-D Flip-Flop with Set and Reset HCT SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP14
|
Intersil Corporation
|
74AUP2G80GT 74AUP2G80GM 74AUP2G80DC 74AUP2G80 74AU |
Low-power dual D-type flip-flop; positive-edge trigger; Package: SOT833-1 (XSON8U); Container: Reel Pack, SMD, 7" AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO8
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
DM74AS874 DM74AS874NT DM74AS874WM |
From old datasheet system Dual 4-Bit D-Type Edge-Triggered Flip-Flop
|
Fairchild Semiconductor
|
HD74HC76 HD74HC76P |
FLIP-FLOP|DUAL|J/K TYPE|HC-CMOS|DIP|16PIN|PLASTIC Dual J-K Flip-Flops (with Preset and Clear)
|
HITACHI[Hitachi Semiconductor]
|