PART |
Description |
Maker |
MCP41010MCP42010 MCP41050-I/P MCP41050-E/SN MCP410 |
Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPIInterface 双数字电位器接口与SPI The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41100 ha The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41050 ha The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41010 ha 400000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... IC,DIGITAL POTENTIOMETER,CMOS,DIP,8PIN,PLASTIC Single/Dual Digital Potentiometer with SPI Interface Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPI?Interface
|
Microchip Technology, Inc. Microchip Technology Inc.
|
MAX1112-MAX1113 MAX1113EEET MAX1113CEET MAX1112EAP |
5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs 5V,低功耗,多通道,串位ADC 5V / Low-Power / Multi-Channel / Serial 8-Bit ADCs
|
Maxim Integrated Products, Inc.
|
HI-8282ACJT HI-8282ACJI HI-8282ACJI-10 HI-8282ACJM |
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER 16 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, PQCC44 16 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, PQFP44
|
Holt Integrated Circuit... HOLTIC[Holt Integrated Circuits] HOKURIKU ELECTRIC INDUSTRY CO LTD
|
UPD168111MA-6A5-E1 UPD168111MA-6A5-E2 |
Serial-controlled micro-step driver
|
NEC
|
TDA7310TR |
SERIAL BUS CONTROLLED AUDIO PROCESSOR SERIAL BUS CONTROLLED AUDIO PROCESSOR
|
ST Microelectronics
|
AD8320 AD8320ARP AD8320-EB |
Serial Digital Controlled Variable Gain Line Driver
|
AD[Analog Devices]
|
MAX147BC/D MAX146BC/D MAX147 MAX147AEPP |
2.7Low-Power, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, UUC20 2.7Low-Power / 8-Channel / Serial 12-Bit ADCs
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
ADG1438 ADG1438BCPZ-REEL7 ADG1438BRUZ ADG1438BRUZ- |
Serially Controlled, ±15 V/ 12 V/±5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches Serially Controlled, 隆戮15 V/ 12 V/隆戮5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches Serially Controlled, 卤15 V/ 12 V/卤5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
|
Analog Devices
|
HI-8584PQTF-10 |
Enhanced ARINC 429 Serial Transmitter and Dual Receiver 2 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, PQFP52
|
Holt Integrated Circuits, Inc. HOLT INTEGRATED CIRCUITS INC
|
MAX2606EUT MAX2066ETL |
50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Digital VGA
|
Maxim Integrated Products
|
WT62P1 WT62P1-K42 WT62P1-N28 WT62P1-N40 WT62P1-N42 |
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
|
Weltrend Semiconductor
|
TDA1566TH TDA1566J TDA1566-15 |
I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
|
NXP Semiconductors
|