PART |
Description |
Maker |
LA7670 |
PLL type video detector for the high picture & sound quality
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
TDA9801 TDA9801T TDA9801_2 |
Single standard VIF-PLL demodulator and FM-PLL detector From old datasheet system
|
PHILIPS[Philips Semiconductors]
|
BD5233G_FVE BD5335G_FVE BD5358G_FVE BD5346G_FVE BD |
Voltage detector, 2.7V Voltage detector, 3.1V Voltage detector, 5.5V Voltage detectors > CMOS Voltage detector IC with external C delay circuit (Open Drain output type) Voltage detectors > CMOS Voltage detector IC with external C delay circuit (CMOS output type) VOLTAGE DETECTOR IC with adjustable delay time Voltage detector, 4.2V Voltage detector, 2.9V Voltage detector, 3.7V Voltage detector, 3.6V Voltage detector, 3.2V Voltage detector, 5.2V Voltage detector, 5.9V
|
etc ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
TDA9800 TDA9800T |
VIF-PLL demodulator and FM-PLL detector
|
PHILIPS[Philips Semiconductors]
|
ICS810001-22 810001BK-22LF 810001BK-22LFT |
FemtoClock垄芒 Dual VCXO Video PLL FemtoClock?/a> Dual VCXO Video PLL FemtoClock Dual VCXO Video PLL
|
Integrated Device Technology http://
|
EPA2200-40 EPA2200-95 EPA2200-22 EPA2200-20 EPA220 |
8 Pin Triple Fast Logic TTL Compatible Active Delay Lines Delay Line 延迟 140MHz Triple Video Digitizer with Digital PLL; Temperature Range: 0°C to 70°C; Package: 128-MQFP 275MHz Triple Video Digitizer with Digital PLL; Temperature Range: 0°C to 70°C; Package: 128-MQFP Quad Digital Controlled Potentionmeters (XDCP); Low Noise/Low Power/I2C® Bus/256 Taps; Temperature Range: -40°C to 85°C; Package 170MHz Triple Video Digitizer with Digital PLL; Temperature Range: 0°C to 70°C; Package: 128-MQFP
|
PCA ELECTRONICS INC. Molex, Inc.
|
MMCX-J-178B_U MMCX-LP-178B_U MMCX-LR-178B_U MMCX-P |
Precise tone detector 超微型单元的同轴连接器(PC卡类挂墙 Special Information Tone Detector 超微型单元的同轴连接器(PC卡类挂墙 Inductor; Inductor Type:Power; Inductance:100uH; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No; Reel Quantity:250 RoHS Compliant: Yes 超微型单元的同轴连接器(PC卡类挂墙 Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable) 超微型单元的同轴连接器(PC卡类挂墙 Tone detector for special-purpose use in automatic following of switched telephone calls
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC.
|
MC145159 MC145159FN1 MC145159P1 |
Serial-Input PLL Frequency Synthesizer with Aanalog Phase Detector
|
Motorola, Inc.
|
ICS9173-15CN08 |
Video genlock PLL
|
Integrated Circuit Systems
|
NTE1161 |
Integrated Circuit TV Video/Sound IF Amp, Detector
|
NTE[NTE Electronics]
|