PART |
Description |
Maker |
HYR183240G-845 HYR183240G-840 HYR183240G-745 HYR18 |
RDRAMModules - 256MB RIMM Module (128Mx16) PC800-45 Discontinued RDRAMModules - 128MB RIMM Module (64Mx18) PC800-45 Discontinued RDRAMModules - 512MB RIMM Module (256Mx18) PC600-53 Discontinued RDRAMModules - 256MB RIMM Module (128Mx18) PC600-53 Discontinued RDRAMModules - 128MB RIMM Module (64Mx16) PC600-53 Discontinued RDRAMModules - 128MB RIMM Module (64Mx18) PC600-53 Discontinued RDRAMModules - 256MB RIMM Module (128Mx16) PC600-53 Discontinued RDRAM?Modules - 128MB RIMM Module (64Mx18) PC800-45 Discontinued 128 MB (64M x 18) PC800-40 ECC RIMM M... RDRAM?Modules - 512MB RIMM Module (256Mx18) PC800-45 Discontinued 512 MB (256 Mx 18) PC800-40 ECC RIMM ... RDRAM?Modules - 256MB RIMM Module (128Mx18) PC800-45 Discontinued 256 MB (128M x 18) PC800-40 ECC RIMM ... RDRAM?Modules - 128MB RIMM Module (64Mx16) PC800-45 Discontinued 128 MB (64M x 16) PC800-40 RIMM Module RDRAM?Modules - 64MB RIMM Module (32Mx16) PC800-45 Discontinued RDRAM?Modules - 256MB RIMM Module (128Mx16) PC800-45 Discontinued 256 MB (128M x 16) PC800-40 RIMM Module Direct RDRAM RIMM Modules (with 288 Mbit RDRAMs) 直接的RDRAM RIMM的模块(88兆RDRAMs
|
INFINEON[Infineon Technologies AG]
|
AS29P200 AS29F200B-120SC AS29F200B-70TC AS29F200B- |
5V 256K x 8 / 128K x 16 CMOS Flash EEPROM 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 120ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 70ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 55ns 5V 256K x 8 or 128 x 16 CMOS flash EEPROM, access time 90ns
|
Alliance Semiconductor
|
HYB514175BJ-50- Q67100-Q2100 HYB514175BJ-55 HYB514 |
256k x 16-Bit EDO-DRAM 256k x 16位江户的DRAM 256k × 16-Bit Dynamic RAM(256k × 16动RAM) 256k × 16位动态随机存储器56k × 16位动态内存)
|
SIEMENS AG
|
AT24C128 AT24C256 |
128/256K, 2-Wire Bus Serial EEPROM w/Cascadable Feature
|
Atmel
|
AT25128A AT25256A |
128/256K, SPI Bus Serial EEPROM, high speed, supports SPI mode 0 and 3.
|
Atmel
|
A29L400UG-90U A29L400UV-90U A29L400TM-90 A29L400TM |
512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory 12k × 8 256 × 16位的CMOS 3.0伏只,引导扇区闪 240 x 128 pixel format, LED or EL Backlight 128 x 64 pixel format, LED Backlight available Replaced by PT78ST109 : 9Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 CARRY CASE FOR 300 SERIES DMM 640 x 480 pixel format, CCFL Backlight
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|
HY5R256HCXXX HY5R256HC745 |
RDRAM
|
Hynix Semiconductor
|
K4R578816869A |
Direct RDRAM?Data Sheet
|
Samsung Electronic
|
CY7C1041V33 CY7C1041V33-15ZC CY7C1041V33-20ZC CY7C |
256K x 16 Static RAM 256K X 16 STANDARD SRAM, 17 ns, PDSO44 From old datasheet system GIGATRUE 550 CAT6 MOLDED COMPONENT, RED 7FT 256K x 16 Static RAM 256K X 16 STANDARD SRAM, 25 ns, PDSO44 256K x 16 Static RAM 256K X 16 STANDARD SRAM, 12 ns, PDSO44
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
GS72108TP-8I GS72108J-10 GS72108J-10I GS72108J-12 |
256K X 8 STANDARD SRAM, 12 ns, PDSO44 256K X 8 STANDARD SRAM, 10 ns, PDSO44 TV 4C 4#12 SKT RECP 256K × 8Mb异步SRAM 256K x 8 2Mb Asynchronous SRAM 256K × 82Mb异步SRAM TV 15C 14#20 1#16 SKT RECP 256K × 8Mb异步SRAM 256K X 8 STANDARD SRAM, 10 ns, PDSO36 0.400 INCH, SOJ-36 TV 5C 5#16 PIN RECP 256K × 8Mb异步SRAM 256K X 8 STANDARD SRAM, 8 ns, PDSO36 0.400 INCH, SOJ-36 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; No. of Contacts:37; Connector Shell Size:15; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 256K × 8Mb异步SRAM
|
ETC GSI Technology, Inc. Electronic Theatre Controls, Inc. GSI[GSI Technology]
|