PART |
Description |
Maker |
HYB3118165BST-50 HYB5118165BST-50 HYB3118165BSJ-60 |
High-Speed Fully-Differential Amplifiers 8-MSOP -40 to 85 1M X 16 EDO DRAM, 50 ns, PDSO44 1M x 16-Bit Dynamic RAM 1k Refresh 100万16位动态随机存储器经销商刷 1M×16-Bit Dynamic RAM(1M×16动态RAM(快速页面模) 1M×16-Bit Dynamic RAM (Hyper Page Mode-EDO)(1M×16动RAM)
|
Siemens Semiconductor Group SIEMENS AG
|
IC41C1664 IC41LV1664 IC41C1664-25K IC41C1664-25KI |
64K x 16 bit Dynamic RAM with EDO Page Mode
|
ICSI[Integrated Circuit Solution Inc]
|
IDT71016 IDT71016S12PHG IDT71016S12PHGI IDT71016S1 |
CMOS Static RAM 1 Meg (64K x 16-Bit) 64K x 16 Static RAM Filter Module w/out Resistor Network 64K X 16 STANDARD SRAM, 20 ns, PDSO44 CMOS Static RAM 1 Meg (64K x 16-Bit) 64K X 16 STANDARD SRAM, 12 ns, PDSO44 Octal Buffers And Line/MOS Drivers With 3-State Outputs 20-SOIC -40 to 85 64K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. SRAM INTEGRATED DEVICE TECHNOLOGY INC
|
MH16S64PHB-6 B99031 |
1,073,741,824-BIT ( 16,777,216-WORD BY 64-BIT ) Synchronous DYNAMIC RAM From old datasheet system 1073741824-BIT ( 16777216-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
HYB514400BJL-70 HYB514400BJL-60 HYB514400BJL-50 HY |
1 048 576 x 4-Bit Dynamic RAM 4 194 304 x 1-Bit Dynamic RAM
|
Infineon
|
HYB5117405BT-70 HYB5117405BT-60 HYB5117405BT-50 HY |
-4M x 4-Bit Dynamic RAM 2k & 4k Refresh 4M x 4-Bit Dynamic RAM 2k & 4k Refresh (Hyper Page Mode- EDO) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYB5117800BSJ-70 HYB5117800BSJ-60 HYB5117800BSJ-50 |
-2M x 8 - Bit Dynamic RAM 2k Refresh 2M x 8-Bit Dynamic RAM From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
HYM72V8010GS-60 HYM72V8010GS-50 HYM72V8000GS-60 HY |
8M x 72 Bit ECC FPM DRAM Module buffered 8M x 72-Bit Dynamic RAM Module (ECC - Module) 8M x 72-Bit Dynamic RAM Module 8米72位动态随机存储器模块 8M x 72-Bit Dynamic RAM Module 8M X 72 FAST PAGE DRAM MODULE, 60 ns, DMA168 Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 8M X 72 FAST PAGE DRAM MODULE, 50 ns, DMA168
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
GLT41316-50FA GLT41316-50FB GLT41316-50FC GLT41316 |
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
|
etc
|
MSM5116405C MSM5116405C-50TS-L |
4M X 4 EDO DRAM, 50 ns, PDSO24 4M×4 Dynamic RAM(4M×4动态RAM) 4米4动态RAM米4动态内存) From old datasheet system 4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
|
OKI ELECTRIC INDUSTRY CO LTD OKI SEMICONDUCTOR CO., LTD.
|