PART |
Description |
Maker |
CY7C0853V-133BBXI CY7C0852AV-167AXC CY7C0851AV-133 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172
|
Cypress Semiconductor, Corp.
|
CYD09S18V-100BBC CYD09S18V-100BBI CYD02S18V-133BBC |
512K X 18 DUAL-PORT SRAM, 4.7 ns, PBGA256 17 X 17 MM, 1 MM PITCH, LEAD FREE, FBGA-256 FLEx18 3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM FLEx18垄芒 3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor, Corp.
|
CY7C0832AV-133AXC CY7C0832AV-133AXI |
FLEx18(TM) 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM; Density: 4 Mb; Organization: 256Kb x 18; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz
|
CYPRESS SEMICONDUCTOR CORP
|
AL5DS9069V AL5DS9159V AL5DS9199V AL5DS9169V AL5DS9 |
3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit 3.3V的同步双端口SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
|
AverLogic Technologies, Inc. AverLogic Technologies, Corp.
|
CY7C0851V |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM(FLEx36TM 3.3V 32K/64K/128K/256K x 36同步双端口RAM)
|
Cypress Semiconductor Corp.
|
MX27C1100PC-85 27C024-70 27C1024 27C1024-10 27C102 |
1M-BIT [128K x 8/64K x 16] CMOS EPROM
|
MCNIX[Macronix International]
|
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
AT28C010E-15EM/883 AT28C010E-20DM/883 AT28C010E-20 |
1 Megabit 128K x 8 Paged CMOS E2PROM CONNECTOR ACCESSORY 64K 8K x 8 Battery-Voltage CMOS E2PROM 1 Megabit 128K x 8 Paged CMOS E2PROM
|
ATMEL Corporation Atmel Corp.
|
AT27C512R AT27C512R-12 AT27C512R-12JC AT27C512R-12 |
Dual 4-Channel Analog Multiplexer/Demultiplexer 16-TSSOP -40 to 85 64K X 8 OTPROM, 70 ns, PDIP28 512K 64K x 8 OTP CMOS EPROM 64K X 8 OTPROM, 90 ns, PDSO28 Miniature, 2W Isolated Unregulated DC/DC Converters 12-SOP 64K X 8 OTPROM, 120 ns, PQCC32 512K 64K x 8 OTP CMOS EPROM 64K X 8 OTPROM, 45 ns, PDSO28 Miniature, 2W Isolated Unregulated DC/DC Converters 12-SOP 64K X 8 OTPROM, 45 ns, PQCC32 ER 8C 7#16 1#12 SKT RECP BOX 12k 64KX8的检察官办公室的CMOS存储 Dual 4-Channel Analog Multiplexer/Demultiplexer 16-VQFN -40 to 85 Dual 4-Channel Analog Multiplexer/Demultiplexer 16-SOIC -40 to 85 Dual 4-Channel Analog Multiplexer/Demultiplexer 16-SO -40 to 85 Dual 4-Channel Analog Multiplexer/Demultiplexer 16-PDIP -40 to 85 Miniature, 2W Isolated Unregulated DC/DC Converters 7-PDIP
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|