PART |
Description |
Maker |
DS18S20-PARTR |
Parasite-Power Digital Thermometer
|
MAXIM - Dallas Semiconductor
|
7MBP75TEA120 |
Econo IPM series
|
Fuji Electric
|
6MBP75TEA120 |
Econo IPM series 1200V / 75A 6 in one-package
|
FE
|
6MBP50TEA060 |
Econo IPM series 600V / 50A 6 in one-package
|
FE
|
6MBP100TEA060 |
Econo IPM series 600V / 100A 6 in one-package
|
FE
|
6MBP50TEA120 |
Econo IPM series 1200V / 50A 6 in one-package
|
Fuji Electric
|
7MBP50TEA060 |
Econo IPM series IGBT-IPM
|
Fuji Electric ETC[ETC]
|
X9408WS24-2.7 X9408WP24-2.7 X9408WV24IZ-2.7 X9408W |
低噪低Power/2-Wire巴士 Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Color:Red; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes Low Noise/Low Power/2-Wire Bus QUAD 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
|
数字电位 Intersil, Corp. Intersil Corporation
|
MAX5360 MAX5360LEUK MAX5360MEUK MAX5360NEUK MAX536 |
4 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 低成本,低功耗,6位DAC,带线串行接口,采用SOT23封装 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Low-Cost / Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Low-Cost Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package 2 V,low-cost, low-power, 6-bit DAC with 2-wire serial interface
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AT24C11 AT24C11-10 AT24C11N-1 AT24C11N-10SU-2.7 AT |
1K, 2-wire Bus Serial EEPROM, Non-cascadable, high speed at medium voltage. 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 240 x 128 pixel format, CFL Backlight with power harness 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ATMEL[ATMEL Corporation] Atmel Corp. PROM Atmel, Corp.
|