PART |
Description |
Maker |
MM74HC540 MM74HC540MTC MM74HC540N MM74HC540SJ MM74 |
Inverting Octal 3-STATE Buffers Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer 1.5 A, 260 kHz Low Voltage Buck Regulators with External Bias; Package: DFN18 6x5, 0.5p; No of Pins: 18; Container: Tape and Reel; Qty per Container: 2500 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ACTS373D ACTS373DMSR ACTS373HMSR ACTS373K ACTS373K |
Radiation Hardened Octal Transparent Latch/ Three-State From old datasheet system Radiation Hardened Octal Transparent Latch Three-State Radiation Hardened Octal Transparent Latch, Three-State Latch, Transparent, Octal, Tri-State, TTL Inputs, Rad-Hard, Advanced Logic, CMOS
|
INTERSIL[Intersil Corporation]
|
SN74LS373 SN74LS373DW SN74LS374M SN74LS373M SN74LS |
LOW POWER SCHOTTKY Octal Transparent Latch with 3-State Outputs Octal D-Type Flip-Flop with 3-State Output
|
ONSEMI[ON Semiconductor]
|
74LVT240 74LVT240D 74LVT240DB 74LVT240PW 74LVT240P |
ABT octal inverting buffer (3-State) - Description: 3.3V Buffer/Line Driver; Inverting (3-State) ; Logic switching levels: TTL ; Number of pins: 20 ; Output drive capability: -32/ 64 mA ; Propagation delay: 2.5@3.3V ns; Voltage: 2.7-3.6 V From old datasheet system ABT octal inverting buffer 3-State Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85 LVT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
ACS374DMSR ACS374D ACS374HMSR FN3997 ACS374MS ACS3 |
Radiation Hardened Octal D Flip-Flop/ Three-State Radiation Hardened Octal D Flip-Flop, Three-State From old datasheet system Radiation Hardened Octal D Flip-Flop Three-State D Flip Flop, Octal, Tri-State, Rad-Hard, Advanced Logic, CMOS
|
INTERSIL[Intersil Corporation]
|
AT27C040 AT27C040-12JC AT27C040-12JI AT27C040-90PI |
Octal Transparent D-Type Latch With 3-State Output 20-VQFN -40 to 125 512K X 8 OTPROM, 120 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 512K X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 512K X 8 OTPROM, 90 ns, PDIP32 4-Megabit 512K x 8 OTP EPROM 512K X 8 OTPROM, 150 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
74HC640 74HCT640 74HCT640PW 74HC640D 74HC640DB 74H |
Octal bus transceiver; 3-state; inverting HCT SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO20 Octal bus transceiver 3-state inverting 74HC/HCT640; Octal bus transceiver; 3-state; inverting
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LCX541MTR 74LCX541TTR 74LCX541 74LCX541M |
OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS Octal Buffers And Line Drivers With 3-State Outputs 20-SO -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MC74HC374A-D MC74HC374ADW MC74HC374ADWR2 MC74HC374 |
Octal 3-State Non-Inverting D Flip-Flop High-Performance Silicon-Gate CMOS Octal 3-State Noninverting D Flip-Flop Octal D-Type Flip-Flop
|
ON Semiconductor Motorola
|
BT137S-500E BT137S-600E BT137MSERIESE BT137M-600E |
Triacs sensitive gate Transient Voltage Suppressor Diodes Octal Buffers and Line Drivers with 3-State Outputs 20-CDIP -55 to 125 Octal Buffers and Line Drivers with 3-State Outputs 20-CFP -55 to 125 Octal Buffers/Drivers with 3-State Outputs 20-CDIP -55 to 125 DIODE ZENER TRIPLE ISOLATED 200mW 16.2Vz 5mA-Izt 0.0556 0.1uA-Ir 11.2 SOT-363 3K/REEL
|
PHILIPS[Philips Semiconductors] NXP
|