PART |
Description |
Maker |
K6R1008C1C- K6R1008C1C-C10 K6R1008C1C-C12 K6R1008C |
128K x 8 high speed static RAM, 5V operating, 12ns 128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges. 128Kx8位高速CMOS静态RAMV的工作)。在经营商业和工业温度范围 RES-140 0.0625W 1% THICK FILM 128K x 8 high speed static RAM, 5V operating, 15ns 128K x 8 high speed static RAM, 5V operating, 10ns
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
IS61LF12832-8.5TQI IS61LF12832-7.5TQI IS61LF12832- |
128K x 32, 128K x 36 synchronous flow-through static RAM 128K X 32 CACHE SRAM, 8.5 ns, PQFP100
|
INTEGRATED SILICON SOLUTION INC
|
IDT71124 IDT71124S12Y IDT71124S12YI IDT71124S15Y I |
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout 128K x 8 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
CY7C1009B CY7C109B-35VI CY7C109B-20ZC CY7C109BL-15 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS07; No. of Contacts:42; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight TV 6C 6#8(TWINAX) PIN RECP 128K X 8 STANDARD SRAM, 20 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 TV 128C 128#22D PIN WALL REC 128K X 8 STANDARD SRAM, 25 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C1019V33-15VC CY7C1019V33L-12VC CY7C1019V33L-15 |
128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 From old datasheet system
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CYM1836 1836 CYM1836PZ-45C CYM1836P8-15C CYM1836P8 |
128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 15 ns, ZMA64 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 15 ns, SMA64 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 35 ns, SMA64 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 30 ns, SMA64 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 30 ns, PSMA72 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 30 ns, ZMA64 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 15 ns, PSMA72 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 45 ns, PSMA72 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 35 ns, PSMA72 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 25 ns, PSMA72 128K x 32 Static RAM Module 128K X 32 MULTI DEVICE SRAM MODULE, 25 ns, SMA64 From old datasheet system
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
MSM548128BL MSM548128BL-70GS-K MSM548128BL-80GS-K |
128K X 8 PSEUDO STATIC RAM, 80 ns, PDSO32 128K X 8 PSEUDO STATIC RAM, 70 ns, PDSO32 From old datasheet system 131,072-Word x 8-Bit High-Speed PSRAM
|
OKI ELECTRIC INDUSTRY CO LTD
|
CY62137V CY62137VLL-55ZI CY62137VLL-70ZE CY62137VL |
2-Mbit (128K x 16) Static RAM 128K X 16 STANDARD SRAM, 70 ns, PDSO44
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IS61VPS12836A-250TQ IS61VPS12836A-250B3 IS61VPS128 |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
|
http:// Integrated Silicon Solu...
|
KM68V1002CI |
128K x 8 Bit High-Speed CMOS Static RAM(3.3V Operating)(128K x 8位高速CMOS 静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
CY62136V18 CY62136V CY62136V18MOBL2 CY62136VMOBL |
128K x 16 Static RAM(128K x 16 静态RAM) From old datasheet system
|
Cypress Semiconductor Corp.
|