PART |
Description |
Maker |
2SC3981 2SC3981A |
TRANS NPN 40V 350MW SMD SOT23 5 A, 800 V, NPN, Si, POWER TRANSISTOR Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
BUX87 BUX86 Q68000-A5167 Q68000-A3870 |
TRANS PREBIASED NPN 150MW SOT523 NPN SILICON HIGH VWLTAGE SWITCHING TRANSISTORS
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
AT-31011 AT-31011-BLK AT-31011-TR1 AT-31033 AT-310 |
TERM BLOCK HDR 5.08MM 3POS PCB Low Current/ High Performance NPN Silicon Bipolar Transistor Low Current High Performance NPN Silicon Bipolar Transistor Low Current, High Performance NPN Silicon Bipolar Transistor
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
BCP68-10 BCP68-16 Q62702-C2126 Q62702-C2128 Q62702 |
From old datasheet system NPN Silicon AF Transistor (For general AF application High collector current High current gain)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BC847PN Q62702-C2374 BC847PNQ62702C2374 Q62702-C15 |
PNP Silicon AF Transistors (For general AF applications High collector current High current gain) TRANSISTOR SOT363 NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
Q62702-D930 BD487 BD488 Q62702-D929 Q62702-C825 SI |
PNP SILICON PLANAR TRANSISTORS NPN Silicon Darlington Transistor (High current gain High collector current) ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87%
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BDP951 BDP955 BDP953 Q62702-D1343 Q62702-D1339 Q62 |
NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain) NPN硅自动对焦功率晶体管输出级驱动器和高集电极电流高电流增益(为自动 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BC489-D BC489BZL1 BC489AZL1 |
High Current Transistors NPN Silicon Transistor Silicon Plastic NPN
|
ON Semiconductor
|
AT-30511 AT-30511BLK AT-30511-BLK AT-30511TR1 AT-3 |
Low Current, High Performance NPN Silicon Bipolar Transistor 低电流,高性能NPN硅双极晶体管 Low Current/ High Performance NPN Silicon Bipolar Transistor Low Current High Performance NPN Silicon Bipolar Transistor
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
2N549 2N3262 |
Trans GP BJT NPN 80V 7A 3-Pin(2 Tab) TO-66 Sleeve Trans GP BJT NPN 90V 25A 3-Pin TO-63
|
New Jersey Semiconductor
|
MSA-0386 MSA-0386-BLK MSA-0386-TR1 |
Cascadable Silicon Bipolar MMIC Amplifier TRANS PREBIASED NPN SOT323
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|