PART |
Description |
Maker |
ATMEGA32 ATMEGA32L |
32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation.
|
Atmel
|
ST10F271Z1 |
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
|
STMicroelectronics
|
N25Q128A11BSFH0E N25Q128A21BSFH0E N25Q128A31BSFH0E |
128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
|
Numonyx B.V
|
P87CL881H P87CL881H_000 P87CL881H/000 |
Low-voltage microcontroller with 63-kbyte OTP program memory and 2-kbyte RAM
|
Philips Semiconductors
|
DSPIC33FJ32MC102 DSPIC33FJ32MC101 DSPIC33FJ32MC104 |
16-Bit Digital Signal Controllers up to 32-Kbyte Flash and 2-Kbyte SRAM
|
Microchip Technology
|
ST10F272Z2 ST10F272Z208 |
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
|
STMicroelectronics
|
F273-CEG-T |
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
|
STMicroelectronics
|
ST10F28012 |
16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
|
STMicroelectronics
|
SLE44C80S |
8-bit Security Controller with 17-Kbyte ROM, 256 byte RAM 8 Kbyte EEPROM and Sleep Mode(8位安全微控制7K字节ROM,256字节RAM,8K字节EEPROM,睡眠模式))
|
SIEMENS AG
|
IDT72V8988 IDT72V8988DB IDT72V8988J IDT72V8988J8 7 |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 128 x 128 TSI, 4 I/O at 2Mbps, Variable/Constant Delay, 3.3V
|
Integrated Device Technology IDT
|
3186Y30I90999 3186-30I90999 3186Y30K90999 3186-30K |
Definite Purpose Contactor 3-pole, 75-90 FLA AC Coil
|
Tyco Electronics
|