PART |
Description |
Maker |
AMD27C64 AMD27C64-120DC AMD27C64-120DCB AMD27C64-1 |
64 Kilobit (8,192 x 8-Bit) CMOS EPROM 64千比特(8,192 × 8位)CMOS存储 64 Kilobit (8,192 x 8-Bit) CMOS EPROM 64千比特(8,192 × 8位)的CMOS存储
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
28F256 AM28F256-150JIB AM28F256-120FEB AM28F256-70 |
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt / Bulk Erase Flash Memory with Embedded Algorithms 256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory
|
Advanced Micro Devices
|
PEB2465H |
Voice Access - SICOFI4 (IOM) Single Chip CMO
|
Infineon
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
LH28F800SGH-L LH28F800SG-L |
Chip-on-Glass (COG) Technology, 16 Characters x 2 Lines 8 M位(512 KB的16)SmartVoltage闪存 8 M-bit (512 kB x 16) SmartVoltage Flash Memories 8 M位(512 KB的16)SmartVoltage闪存
|
Sharp Corporation Sharp, Corp.
|
AM28F256A AM28F256A-120EC AM28F256A-120ECB AM28F25 |
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
|
AMD[Advanced Micro Devices]
|
AM28F256A-120EC AM28F256A-120ECB AM28F256A-120EE A |
256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms
|
Advanced Micro Devices
|
AM29F040B-1 AM29F040B-120EC AM29F040B-120EE AM29F0 |
From old datasheet system EEPROM,FLASH,512KX8,CMOS,DIP,32PIN,PLASTIC 4 Mbit (512 K x 8-Bit) 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
|
AMD[Advanced Micro Devices] AMD Inc
|
LPC2387FBD100551 LPC2387FBD100 |
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC; Package: SOT407-1 (LQFP100); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
NXP Semiconductors N.V.
|
HM658512AI |
4 M PSRAM (512-kword ×8-bit)(4 M PSRAM (512k×8) 4个M移动存储芯片12 KWord的8位)个M移动存储芯片(为512k字8位) 4 M PSRAM (512-kword ?8-bit)(4 M PSRAM (512k瀛??8浣?)
|
Hitachi,Ltd.
|
AM29SL800CT150WBC AM29SL800CB120EI AM29SL800CB120E |
CAP 150UF 6.3V 20% TANT SMD-7343-30 TR-7 Quad 2-Input NOR Gates 14-SOIC -55 to 125 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 IC LOGIC 1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP -40 85C SOT-23-5 3000/REEL 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 16-Bit Buffer/Line Driver, OE Active Low
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|