PART |
Description |
Maker |
BC808-16W BC808-25W BC808-40W BC807-16W Q62702-C23 |
SH-Tiny Series, 7125 Group, Two ADC circuits, 6-ch 16-bit MTU2, Port Output Enable, 2-ch CMT, UBC, 15 mA IO -; Vcc= 4.5 to 5.5 volts, Temp= -20 to 85 C; Package: PVQN0052LE-A PNP Silicon AF Transistor (For general AF applications High collector current High current gain) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
OP17902 OP279 OP179GRTZ-REEL OP179GRTZ-REEL7 OP179 |
16V; 50mA; rail-to-rail high output current operational amplifier. For multimedia, telecom, DAA transformer driver, LCD driver, low voltage servo control, modems, FET drivers Rail-to-Rail High Output Current Operational Amplifiers Rail-to-Rail High Output Current Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 Rail-to-Rail High Output Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
FS30UM-3 |
MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE Bench Power Supply; Output Voltage:35V; Output Current:6A; Number of Outputs:1; Calibrated:No; Display Technology:Digital; Output Current Max:6A; Output Current Min:0A; Output Voltage Max:35V; Output Voltage Min:0V
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|
ADN8810 ADN8810-EVAL ADN8810ACP ADN8810ACP-REEL7 A |
12-Bit High Output Current Source A Programmable Precision Current Source Designed For Tunable Lasers
|
模拟信号调理 Analog Devices, Inc.
|
MX884 MX884HTTR |
High-Side Current Monitor With 10-Bit Serial Digital Output
|
IXYS Corporation
|
SSTVN16857MTD SSTV16857 SSTV16857MTD SSTVN16857 |
Voltage Regulator IC; Output Current:300mA; Output Voltage:5V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V 14-Bit Register with SSTL-2 Compatible I/O and Reset
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
LTV-352T |
High current transfer ratio, High input-output isolation voltage 1 CHANNEL DARLINGTON OUTPUT OPTOCOUPLER
|
Lite-On Technology, Corp. Lite-On Technology Corporation
|
LTC2751 LTC2751CUHF-12TRPBF |
Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O Current Output 12-Bit SoftSpan DACs with Parallel I/O; Package: QFN; No of Pins: 38; Temperature Range: 0°C to 70°C
|
Linear Technology LINEAR TECHNOLOGY CORP
|
LT1236A-10 LT1097 LTC2601 LT1001 LTC1821 LTC2704 L |
Dual Current Output 12-Bit SoftSpan DACs with Parallel I/O; Package: QFN; No of Pins: 48; Temperature Range: -40°C to 85°C Dual Current Output 12-Bit SoftSpan DACs with Parallel I/O; Package: QFN; No of Pins: 48; Temperature Range: 0°C to 70°C PARALLEL, WORD INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, PQCC48 Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LT3741 LT3763 LT3791 |
60V High Current Step-Down LED Driver Controller Accurately Control Input and Output Current
|
Linear Technology
|
MAX9934FAUAT MAX9934TAUAT MAX9934FARTT MAX9934TART |
High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
|
Maxim Integrated Products
|
KBPC4004 KBPC4004W KBPC5010W GBPC40 KBPC4008 KBPC4 |
16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 HIGH CURRENT 15/25/35/AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS 40/ 50A HIGH CURRENT BRIDGE RECTIFIER 40, 50A HIGH CURRENT BRIDGE RECTIFIER Hex D-Type Flip-Flops With Clear 16-SSOP -40 to 85 400A条大电流整流
|
WTE[Won-Top Electronics] Surge Components Won-Top Electronics Co., Ltd.
|