PART |
Description |
Maker |
NCP553SQ27T1 NCP552 NCP553SQ15T1G NCP553SQ28T1 NCP |
80 mA CMOS Low Iq NOCAP™ Voltage Regulator 80 mA CMOS Low Iq NOCAP Voltage Regulator(80mA CMOS,低IqB>NOCAP稳压 80 mA CMOS Low Iq NOCAP Voltage Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.8 V DROPOUT, PDSO4
|
http:// ONSEMI[ON Semiconductor]
|
BS62LV2563TC BS62LV2563TI BS62LV2563 BS62LV2563DC |
5V ECL Differential Receiver; Package: SOIC; No of Pins: 8; Container: Rail Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM32K的8 Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM2K的8
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
ADG706BRU ADG707 ADG707BRU ADG706 |
CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers 的CMOS.5ohm低电压,8-/16-Channel多路复用 CMOS/ 2.5ohm Low-Voltage/ 8-/16-Channel Multiplexers ECONOLINE: REC3-S_DRW(Z)/H4,H6 - Safety standards and approval: EN 60950 certified, rated for 250VAV (LVD test report)- Applied for Ul 1950 Component CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
|
Analog Devices, Inc. AD[Analog Devices]
|
BS616LV8017 BS616LV8017FIP70 BS616LV8017EC BS616LV |
Very Low Power/Voltage CMOS SRAM 512K X 16 bit Asynchronous 8M(512Kx16) bits Static RAM Very Low Power/Voltage CMOS SRAM 512K X 16 bit 非常低功电压CMOS SRAM的为512k × 16
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
BS616LV2015 BS616LV2015TI BS616LV2015AC BS616LV201 |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit Plug-In Relay; Contacts:SPST-NO; Contact Carry Current:30A; Coil Voltage AC Max:24V; Relay Mounting:Plug-In; Relay Terminals:Screw; Coil Resistance:11.5ohm; Coil Power VAC:9.5VA RoHS Compliant: Yes 非常低功电压CMOS SRAM28K的16 Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
ELM742X |
LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
|
ETC
|
MC74LCX57405 MC74LCX74DG MC74LCX7405 MC74LCX86DR2G |
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
ICL7662 ICL7662C ICL7662CBA ICL7662CBD ICL7662CPA |
CMOS, Voltage Converters CMOS Voltage Converters Low-Power High-Performance Impact<TM> PAL<R> Circuits 28-PLCC 0 to 75 Low-Power High-Performance Impact<TM> PAL<R> Circuits 24-PDIP 0 to 75 HEATSINK TO-202 CLIP-ON .58 BK
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SE5509 SE5509ALG-LF SE5509BLG-LF SE5509CLG-LF SE55 |
300mA Low Power Low Noise LDO CMOS Voltage Regulator
|
Seaward Electronics Inc.
|