PART |
Description |
Maker |
FQPF3N80C FQP3N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQPF6N80C FQP6N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQD2N80 FQU2N80 FQD2N80TF FQD2N80TM FQU2N80TU |
800V N-Channel MOSFET TRANSISTOR|MOSFET|N-CHANNEL|800VV(BR)DSS|1.8AI(D)|TO-252AA
800V N-Channel QFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STP6NB80FP STP6NB80 6218 |
N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP From old datasheet system N - CHANNEL 800V - 1.6 - 5.7A - TO-220/TO-220FP PowerMESH TM MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
FQA10N80C |
800V N-Channel MOSFET 800V N-Channel Advance Q-FET C-Series
|
FAIRCHILD[Fairchild Semiconductor] FAIRCHILD SEMICONDUCTOR CORP
|
STU9NC80Z STU9NC80ZI STU9NC80 |
OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH?III MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STP5NK80 STP5NK80Z STP5NK80ZFP |
N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESH⑩Power MOSFET N沟道800V 1.9ohm - 4.3A TO-220/TO-220FP齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESHPower MOSFET N-CHANNEL 800V 1.9 OHM 4.3A TO-220/TO-220FP ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STH6NA80FI 2998 STW6NA80 |
N-CHANNEL MOSFET N - CHANNEL 800V - 1.8 - 5.4A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR From old datasheet system N - CHANNEL 800V - 1.8ohm - 5.4A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFBE20 |
800V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.8A) Power MOSFET(Vdss=800V/ Rds(on)=6.5ohm/ Id=1.8A)
|
IRF[International Rectifier]
|
STP10NK80Z06 STP10NK80Z STP10NK80ZFP STW10NK80Z |
N-channel 800V - 0.78ヘ - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET N-channel 800V - 0.78惟 - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET N-channel 800V - 0.78Ω - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET
|
STMicroelectronics http://
|
2SK956 2SK1010 2SK1507-01 2SK958 2SK1547-01 2SK138 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 4A I(D) | TO-247 晶体管| MOSFET的| N沟道| 800V的五(巴西)直| 4A条(丁)|47 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 6A条(丁)|20 TRANSISTOR | MOSFET | N-CHANNEL | 900V V(BR)DSS | 3A I(D) | TO-247 MOSFET transistors TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 9A I(D) | TO-247 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset From old datasheet system TRANSISTOR,MOSFET,N-CHANNEL,600V V(BR)DSS,9A I(D),TO-220 TRANSISTOR|MOSFET|N-CHANNEL|500VV(BR)DSS|6AI(D)|TO-220
TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,9A I(D),TO-247
|
Toshiba, Corp. Mallory Sonalert Products, Inc. Fuji Semiconductors, Inc.
|
STW7NC80Z |
N-CHANNEL 800V 1.5OHM 6A TO-247 ZENER-PROTECTED POWERMESH MOSFET N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 800V - 1.5ohm - 6A TO-247 Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|