PART |
Description |
Maker |
ST7277 ST72771N4B1 ST72771N5B1 ST72771N6B1 ST72771 |
8-BIT MICROCONTROLLER (MCU) FOR MONITORS WITH 60K ROM, 2K RAM, ADC, TIMER, INFRARED, SYNC, PWM/BRM, DDC DMA, I2C, SCI QFP64 SDIP56 8-BIT USB MCU FOR MONITORS WITH UP TO 60K ROM, 2K RAM, ADC, TIMER, INFRA RED, SYNC, PWM/BRM, DDC/DMA, I2C & SCI From old datasheet system
|
SGS Thomson Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STR910FAW32 STR912FAZ42 STR912FAW42 STR910FAZ32 ST |
ARM966E-S16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E -虏⑩16/32位闪存微控制器与以太网,USB,加拿大,交流电机控制,4个定时器,模数转换器,RTC和DMA ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
|
意法半导 STMicroelectronics N.V.
|
ST72753 ST72753L4 ST72753L5 ST72753L6 5508 |
From old datasheet system 8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC,TIMER, SYNC, PWM/BRM, DDC/DMA & I 2 C 8-BIT MCU FOR MONITORS WITH UP TO 32K ROM, 1K RAM, ADC, TIMER, SYNC, PWM/BRM, DDC/DMA & I2C
|
STMICROELECTRONICS[STMicroelectronics]
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
HT46RB70 |
A/D Type USB 8-Bit MCU
|
Holtek Semiconductor Inc
|
ST7SCRDIE ST7FSCR1E4M1 -ST7SCRDIE ST72SCR1X4M1 |
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER 8位低功耗,全速USB微控制器6K的闪存,768内存,智能卡的I /楼,计时 ST7SCR - 8-BIT LOW-POWER. FULL-SPEED USB MCU WITH 16K FLASH. 768 RAM. SMARTCARD I/F. TIMER (DATA BRIEFING)
|
STMicroelectronics N.V. 意法半导
|
HT82M99EE |
USB Mouse Encoder 8-Bit MCU
|
Holtek Semiconductor In...
|
ST72F62 |
LOW SPEED USB 8-BIT MCU
|
ST Microelectronics
|
HT82M99A-11 |
USB Mouse Encoder 8-Bit MCU
|
Holtek Semiconductor In...
|
LPC2387FBD100551 LPC2387FBD100 |
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC; Package: SOT407-1 (LQFP100); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
NXP Semiconductors N.V.
|
|