PART |
Description |
Maker |
HD74LS283 |
4-bit Binary Full Adders
|
HITACHI[Hitachi Semiconductor]
|
HCF4032 |
TRIPLE SERIAL ADDERS 64-STAGE STATIC SHIFT REGISTER
|
STMicroelectronics
|
HER154 HER158 HER151 HER152 HER153 HER155 HER156 H |
Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125 高效整流二极 8-Bit Binary Counters With 3-State Output Registers 20-LCCC -55 to 125 高效整流二极 8-Bit Shift Registers With 3-State Output Registers 20-LCCC -55 to 125 高效整流二极 Hex Schmitt-trigger Inverters 14-CDIP -55 to 125 HIGH EFFICIENT RECTIFIER DIODES
|
Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors]
|
MM74HC595SJX |
8-Bit Shift Registers with Output Latches; Package: SOP; No of Pins: 16; Container: Tape & Reel HC/UH SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO16
|
Fairchild Semiconductor, Corp.
|
AS7C31025B AS7C31025B-20TJIN AS7C31025B-10JC AS7C3 |
SRAM - 3.3V Fast Asynchronous 128 x 64 pixel format, LED or EL Backlight available 8-Bit Parallel-Load Shift Registers 16-TVSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SSOP -40 to 85 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 3.3V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
74F652SPC 74F652 74F652SC |
Transceivers/Registers
|
FAIRCHILD[Fairchild Semiconductor]
|
UT54ACTS164E |
8-Bit Shift Registers
|
Aeroflex Circuit Techno...
|
SN74LS166D |
8-BIT SHIFT REGISTERS
|
Motorola, Inc
|
MMC4076 MMC4076E MMC4076F MMC4076G MMC4076H |
4BIT D-TYPE REGISTERS
|
List of Unclassifed Manufacturers
|
N74F822N |
Bus interface registers
|
Philips
|