PART |
Description |
Maker |
RC5051 RC5051M |
Current-Mode SMPS Controller Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors From old datasheet system
|
Fairchild Semiconductor Corporation
|
MSM82C59A-2 MSM82C59A-2JS |
PROGRAMMABLE INTERRUPT CONTROLLER 可编程中断控制器 Programmable Universal Timers(可编程中断控制器,单片8中断控制,可级联成64中断控制)
|
OKI SEMICONDUCTOR CO., LTD.
|
ADP3207DJCPZ-RL ADP3207D |
7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck 7-Bit Programmable, Multiphase Mobile, CPU Synchronous Buck Controller SWITCHING CONTROLLER, QCC40
|
ON Semiconductor
|
IS82C37A CS82C37A CS82C37A-12 CS82C37A-5 5962-9054 |
CMOS High Performance Programmable DMA Controller RECTIFIER BRIDGE 10A 100V BR-6 高性能的CMOS可编程DMA控制 CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, CDIP40 CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, UUC40 DIODE SCHOTTKY DUAL-DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, PDIP40 CMOS High Performance Programmable DMA Controller 高性能的CMOS可编程DMA控制 DIODE SCHOTTKY DUAL ISOLATED 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL DIODE SCHOTTKY DUAL SERIES 25V 150mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-523 3K/REEL Triple 3-input positive-NAND gates 14-PDIP 0 to 70 RECTIFIER BRIDGE 10A 800V BR-6 RECTIFIER BRIDGE 10A 1000V BR-6 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MC33470DWR2 MC33470DWR2G MC3347006 MC33470DWG MC33 |
Synchronous Rectification DC/DC Converter Programmable Integrated Controller SWITCHING CONTROLLER, 390 kHz SWITCHING FREQ-MAX, PDSO20
|
ONSEMI[ON Semiconductor]
|
SCD248110QCD |
Programmable Four-Channel Communications Controller 4 CHANNEL(S), 230.4K bps, SERIAL COMM CONTROLLER, PQFP100
|
KOA Speer Electronics,Inc.
|
NCP3218MNR2G |
7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, QCC48
|
ON Semiconductor
|
ISL6525 ISL6525CB |
PWM Controller, VOUT 1.20V Min @ % Reg, 5V or 12V Supply, 200kHz Free-Running Osc Programmable 50kHz to 1 MHz Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
CQM1-OC222 CQM1H-MAB42 CQM1H-ME16K CQM1H-ME16R CPM |
Programmable Controller
|
Omron Electronics LLC
|
AM8257 AM9557 AM9557CC AM9557DC AM9557DM AM9557PC |
Programmable DMA Controller
|
Advanced Micro Devices
|