PART |
Description |
Maker |
PS7341C-1A PS7341C-1A-A PS7341CL-1A PS7341CL-1A-A |
CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
|
NEC
|
PS7341CL-1A PS7341CL-1A-A PS7341CL-1A-E3 PS7341CL- |
CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
|
California Eastern Laboratories CEL[California Eastern Labs]
|
AQW210HLAX AQW210HLAZ AQW210HL AQW210HLA |
PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tape and reel packing style. Picked from the 4/5 PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tube packing style. PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tape and reel packing style. Picked from the 1/2 PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Trough hole terminal. Tube packing style. GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
PCA4912 |
Converter for Connecting 42-pin RSS Type Emulator MCU to 32-pin 1.27mm-pitch SOP
|
Renesas Electronics Corporation
|
NID5001NT4 NID5001N NID5001NT4G |
Self-protected SmartDiscrete, 42V clamp, Temp & Current Limit, ESD, DPAK Self-protected FET with Temperature and Current Limit
|
ONSEMI[ON Semiconductor]
|
CPC1035N1 CPC1035N CPC1035NTR |
4-Pin SOP OptoMOS垄莽 Relay 4-Pin SOP OptoMOS庐 Relay 4-Pin SOP OptoMOS? Relay
|
Clare, Inc.
|
PS7200U-1A-F4 PS7200U-1A PS7200U-1A-E3 PS7200U-1A- |
NECs 4-PIN SOP LOW OFF-STATE LEAKAGE CURRENT 1-ch OPTICAL COUPLED MOS FET
|
CEL[California Eastern Labs]
|
AQY210 AQY210S AQY210SX AQY210SZ AQY214SX AQY214SZ |
GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type ER 15C 15#16 SKT RECP Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:32; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:32-17 RoHS Compliant: No ER 3C 3#8 PIN RECP 顾(一般使用)型SOP系列1 -通道(A型)4引脚
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)] ETC
|
PS9114-A PS9114-F3-A PS9114-V-A PS9114-V-F3 PS9114 |
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
|
Duracell California Eastern Labs
|
PS9151-V-F3 |
HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
|
Renesas Electronics Corporation
|
PS7241-2B-F3 PS7241-2B-A PS7241-2B-F4 PS7241-2B-F3 |
8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
|
NEC
|
PS9117-F3-A PS9117-F4-A PS9117-V-F4 PS9117-V-F3-A |
NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP OPTOCOUPLER
|
NEC Corp.
|