PART |
Description |
Maker |
PS394CWP PS394CPP |
Precision, Quad, SPDT, 17V Analog Switch
|
PERICOM[Pericom Semiconductor Corporation]
|
MAX333AMWP/PRT MAX333AMWP/PR-T |
Precision, Quad, SPDT, CMOS Analog Switch
|
MAXIM - Dallas Semiconductor
|
MM74HCT08 MM74HCT08M MM74HCT08MTC MM74HCT08N MM74H |
ANA 5V USR DFINED LIN REG; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47 HCT SERIES, QUAD 2-INPUT AND GATE, PDIP14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
OP-270A OP-270AJ8 OP-270E OP-270EJ8 OP-270G OP-270 |
From old datasheet system Dual/Quad Low Noise / Precision Operational Amplifiers Dual/Quad Low Noise, Precision Operational Amplifiers DUAL OP-AMP, 75 uV OFFSET-MAX, 6 MHz BAND WIDTH, CDIP8 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 400 uV OFFSET-MAX, 6 MHz BAND WIDTH, CDIP14 Dual/Quad Low Noise, Precision Operational Amplifiers DUAL OP-AMP, 250 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDIP8 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 1000 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDIP14 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 1000 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDSO16 Dual/Quad Low Noise, Precision Operational Amplifiers 四低噪声,高精度运算放大
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
ADG1633 ADG1633BCPZ-REEL7 ADG1633BRUZ ADG1633BRUZ- |
4.5Ω RON, Triple/Quad SPDT ±5 V, 12 V, 5 V, and 3.3 V Switches; Package: 16-pin; Temperature Range: -40°C to 125°C TRIPLE 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO16 4.5Ω RON, Triple/Quad SPDT ±5 V, 12 V, 5 V, and 3.3 V Switches; Package: 20-TSSOP (4.4mm); Temperature Range: -40°C to 125°C QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO20 4.5 Ω RON, Triple/Quad SPDT ±5 V, 12 V, 5 V, and 3.3 V Switches 4.5 楼? RON, Triple/Quad SPDT 隆戮5 V, 12 V, 5 V, and 3.3 V Switches
|
Analog Devices, Inc.
|
MXL1178-MXL1179 MXL1179ACN MXL1179CN MXL1179IN MXL |
17uA Max / Dual/Quad / Single-Supply / Precision Op Amps 17uA Max Dual/Quad Single-Supply Precision Op Amps 17A Max, Dual/Quad, Single-Supply, Precision Op Amp "17μA Max, Dual, Single-Supply, Precision Op Amp" "17μA Max, Quad, Single-Supply, Precision Op Amp" 17uA Max, Dual/Quad, Single-Supply, Precision Op Amps Dual/Quad.Single-Supply Micropower.Precision Op Amps Quad.Single电源Micropower.Precision运算放大
|
MAXIM - Dallas Semiconductor Freescale Semiconductor, Inc MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX4691-MAX4694 MAX4693EBE-T MAX4694EBE-T MAX4693E |
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package TRIPLE 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, QCC16 Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PBGA16
|
Maxim Integrated Produc... 多路复用及模拟开 Maxim Integrated Products, Inc.
|
MAX875 MAX875ACPA MAX875ACSA MAX875AEPA MAX875AESA |
Octal Buffers/Drivers With 3-State Outputs 20-LCCC -55 to 125 CONNECTOR ACCESSORY TVS BIDIRECT 600W 17V SMB Low-Power / Low-Drift / 2.5V/ 5V/ 10V Precision Voltage References 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CFP -55 to 125 Low-Power, Low-Drift, 2.5V/ 5V/ 10V Precision Voltage References Low-Power Low-Drift 2.5V/ 5V/ 10V Precision Voltage References
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ISL28476 ISL28476FAZ ISL28476FAZ-T7 ISL2827607 ISL |
Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
|
http:// Intersil Corporation
|
LT1058AMJ LT1058MJ LT1058ISW LT1058CN LT1058SW LT1 |
Dual and Quad, JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1800 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDIP14
|
Linear Technology, Corp.
|
|