PART |
Description |
Maker |
PIC16F505 |
PIC16F505 Migration
|
Microchip Technology
|
PIC16F505 |
PIC16F505 Migration
|
Microchip Technology
|
PIC16C72A PIC16C72A-20I_SS PIC16C72A-04I_SS PIC16C |
PIC16C72A ?PIC16F72 Migration PIC16C72A PIC16F72 Migration 28-Pin 8-Bit CMOS Microcontrollers PIC16C72A ℃ PIC16F72 Migration
|
MICROCHIP[Microchip Technology]
|
CY38030V208-125NC CY38030V208-125NI CY38030V256-12 |
Programmable Logic : Programmable Logic Devices CPLD designed for migration. Speed 83 MHz. CPLD designed for migration. Speed 125 MHz.
|
Cypress
|
AM29DL320GB70PCI AM29DL320GB70PCIN AM29DL320GT70PC |
For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path.
|
SPANSION[SPANSION]
|
AM29DL320GB70WDF AM29DL320GB120 AM29DL320GT70PCFN |
For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path. 对于新的设计,涉及TSOP封装,S29JL032H会取代Am29DL320G,是厂家推荐的迁移路径 For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path. 2M X 16 FLASH 3V PROM, 70 ns, PBGA63 High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counters 16-CDIP -55 to 125 2M X 16 FLASH 3V PROM, 70 ns, PBGA48 DIODE SCHOTTKY SINGLE 10V 200mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-323 3K/REEL DIODE SCHOTTKY HEX COMMON-CATHODE 30V 250mW 0.57V-vf 200mA-IFM 30mA-IF 0.7uA-IR DFN1616-6 3K/REEL
|
Advanced Micro Devices SPANSION LLC Spansion, Inc. PROM Spansion Inc.
|