PART |
Description |
Maker |
S87C652-5A44 S87C654-5A44 S87C654-4N40 S87C654-5B4 |
80C51 8-bit microcontroller 8K/16K/ 256 OTP/ I2C 80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44
|
Philips Semiconductors NXP Semiconductors N.V.
|
P87C52SFAA P80C31SBAA P80C51SBAA P87C51SBAA P80C51 |
80C51 8-bit microcontroller family 4 K-8 K OTP-ROM low voltage (2.7 V-5.5 V), low power, high speed (33 MHz), 128-256 B RAM 80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V?.5 V)
|
NXP Semiconductors N.V.
|
P89C51UBPN P89C52UBA 89C58 P89C58UBAA P89C52UBAA P |
Microcontroller - Datasheet Reference 80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
P87LPC779 P87LPC779FDH |
CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP IC,MICROCONTROLLER,8-BIT,8051 CPU,CMOS,TSSOP,20PIN,PLASTIC
|
PHILIPS[Philips Semiconductors]
|
P89LPC9331HDH P89LPC9361FDH P89LPC9341FDH P89LPC93 |
8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable 8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB-8 kB-16 kB 3 V byte-erasable flash with 8-bit ADCs
|
NXP Semiconductors N.V.
|
P89LPC933 P89LPC934 P89LPC935FA P89LPC935FDH P89LP |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
|
Philips NXP Semiconductors
|
P87C51RC2 P87C51RC2BA P87C51RC2BBD P87C51RC2BN P87 |
80C51 8-bit microcontroller family
|
NXP Semiconductors
|
P87CL54X2BDH P87CL52X2 P87CL52X2BBD P87CL52X2BDH P |
80C51 8-bit microcontroller family
|
PHILIPS[Philips Semiconductors]
|
P89C51RB2HBBD P89C51RB2HXX P89C51RC2 P89C51RB2HBA |
80C51 8-bit Flash microcontroller family 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44
|
NXP Semiconductors N.V.
|
P89LPC938FDH P89LPC938FHN P89LPC938FA |
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
|
NXP Semiconductors
|
P89LPC9381FDH |
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB 3 V byte-erasable flash with 10-bit ADC
|
NXP Semiconductors
|
P89C51RD2BBD/01 P89C51RA2BBD/01 P89C51RB2BBD/01 P8 |
80C51 8-bit Flash microcontroller family
|
Philips Semiconductors NXP Semiconductors
|