PART |
Description |
Maker |
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
SAF-C508-4RM SAF-C508-4EMAA |
8-Bit Microcontrollers - 32-KBytes ROM, -40/85 degC 8-Bit Microcontrollers - OTP
|
Infineon
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
SAF-TC1130-L100EBBA SAF-TC1130-L150EBBA |
32-Bit Industrial &Communication Controller 32-Bit Microcontrollers - 100 MHZ, -40C/ 85c 32-Bit Microcontrollers - 150 MHZ, -40C/ 85c
|
Infineon
|
MB89F051 MB89051 MB89F051PFM MB89051PFM |
8-bit Proprietary Microcontrollers F2MC-8L MB89051 Series Micro controller 8-Bit Proprietary F2MC-8L Family Internal USB Product F2MC-8L/Low Power/Low Voltage Microcontrollers
|
FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
GMS90C3X GMS97C56H |
HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS Hynix半导体公司的8位单芯片微控制器 HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS 8-BIT, OTPROM, 33 MHz, MICROCONTROLLER, PDIP40
|
Hynix Semiconductor, Inc. Electronic Theatre Controls, Inc.
|
SAK-C167CS-4RMCA-STEP SAK-C167CS-L40MCA-STEP SAK-C |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz) 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (40MHz)
|
Infineon
|
LPC2103FA44 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
NXP Semiconductors
|
LPC2101 LPC2101FBD48 LPC2102 LPC2102FBD48 LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
PHILIPS[Philips Semiconductors]
|
LPC2378FBD144 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|