PART |
Description |
Maker |
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
ISL6236IRZA-T |
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers 3.3 A DUAL SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC32
|
Intersil, Corp.
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
21PCF130TW4-002 |
DUAL COLOR LED, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN
|
LEDTRONICS INC
|
HS15 HS13 HS11 HS14 HS12 |
Low Power Loss, High efficiency HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V) HIGH EFFICIENCY RECTIFIERS(1.0A/50-400V)
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MTN3630-AHR MTN3630-AUR MTN3620-CHR MTN3620-CUR MT |
High efficiency & ultra bright numeric. .53 inches digit size - R.H.D.P.. Emitted color red. HIGH EFFICIENCY & ULTRA BRIGHT NUMERICS RECTIFIER STANDARD SINGLE 1A 200V 200 30A-ifsm 5uA-ir 1V-vf A405 5K/REEL-13 HIGH EFFICIENCY & ULTRA BRIGHT NUMERICS 高效 High efficiency & ultra bright numeric. .56 inches digit size - R.H.D.P.. Emitted color red.
|
Marktech Optoelectronics MARKTECH[Marktech Corporate] Atmel, Corp.
|
NCP1508MNR2G |
Up to 500 mA, 1 MHz, High Efficiency Synchronous Step−Down DC−DC Converter in DFN Package 0.8 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO10
|
ON Semiconductor
|
LT1500 LT1500CS LT1500CS-3 LT1500CS-5 LT1500IS LT1 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1.3 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDSO14 Adaptive-Frequency Current Mode Switching Regulators From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
ADC08D500CIYB ADC08D500EVAL |
High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter 高性能,低功耗,位,500 MSPS的A / D转换
|
Analog Devices, Inc.
|
ZHL-5W-1 |
50High Power 5 to 500 MHz 50Ω High Power 5 to 500 MHz 50ヘ High Power 5 to 500 MHz
|
Mini-Circuits
|
AL3157 AL3157F-7 |
Four-Channel High Efficiency Charge Pump HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER FOR SMALL SCREEN BACKLIGHTING
|
Diodes Incorporated
|