PART |
Description |
Maker |
TDC-10-1 TDC-10-2 TDC-6-1 PDC-10-1 PDC-10-1-75 PDC |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.005 MHz - 20 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 150 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.8 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 700 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.1 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.01 MHz - 35 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.9 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 250 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 800 MHz - 900 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.2 MHz - 250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX
|
N.A. Mini-Circuits Stackpole Electronics, Inc.
|
2021-25 |
25 W, 24 V, 2000-2130 MHz common base transistor 25 Watts, 24 Volts, Class C Microwave 2000 - 2130 MHz BJT 2000-2400 MHz, Class C, Common Base; fO (MHz): 2100; P(out) (W): 25; P(in) (W): 5; Gain (dB): 7.5; Vcc (V): 24; Case Style: 55AW-1 S BAND, Si, NPN, RF POWER TRANSISTOR
|
GHz Technology Microsemi, Corp.
|
ADAPTENUATORS SM-BM-6 NF-BF-10 NF-BF-3 NF-BF-6 NF- |
50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators 0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR 50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators 50OHM/ 3/6/10 dB/ DC to 2000 MHz Adaptenuators 50OHM / 3 /6 /10 dB / DC to 2000 MHz Adaptenuators
|
衰减 MINI[Mini-Circuits]
|
VC-2R8A24-1747S VC-24 VC-2R8A24-0897 VC-2R8A24-089 |
ASSP for Mobile Telephone ASSP的移动电 VCO (800 to 2000 MHz) VCO, 1150 MHz - 1185 MHz VCO (800 to 2000 MHz) 压控振荡器(800000兆赫
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
ZRON-8G |
50Medium Power 2000 to 8000 MHz 2000 MHz - 8000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER
|
Mini-Circuits
|
MRF5S21100LSR3 MRF5S21100LR3 MRF5S21100L |
2170 MHz, 23 W Avg., 2 x W–CDMA, 28 V Lateral N–Channel RF Power MOSFET MRF5S21100L, MRF5S21100LR3, MRF5S21100LSR3 2170 MHz, 23 W Avg., 2 x W-CDMA, 28 V Lateral N-Channel RF Power MOSFETs The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs
|
Freescale (Motorola) MOTOROLA[Motorola, Inc]
|
PD2-2000/18000-30S PD2-1000/2000-30S PD2-2000/4000 |
2000 MHz - 18000 MHz RF/MICROWAVE SPLITTER, 0.8 dB INSERTION LOSS 1000 MHz - 2000 MHz RF/MICROWAVE SPLITTER, 0.25 dB INSERTION LOSS 2000 MHz - 4000 MHz RF/MICROWAVE SPLITTER, 0.3 dB INSERTION LOSS 2000 MHz - 8000 MHz RF/MICROWAVE SPLITTER, 0.4 dB INSERTION LOSS
|
MITEQ, Inc. MITEQ INC
|
MRF21010 MRF21010LR MRF21010LS MRF21010LSR1 MRF210 |
2170 MHz, 10 W, 28 V Lateral N–Channel Broadband RF Power MOSFET RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
|
Freescale (Motorola) MOTOROLA[Motorola Inc] Motorola, Inc
|
AGR09085E AGR09085EF AGR09085EU |
85 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
|
TriQuint Semiconductor
|
ZFSC-2-11 |
Power Splitter/Combiner 2 Way-0 50楼? 10 to 2000 MHz Power Splitter/Combiner 2 Way-0 50惟 10 to 2000 MHz Power Splitter/Combiner 2 Way-0 50Ω 10 to 2000 MHz
|
Mini-Circuits
|
MRF5S19100HSR3 MRF5S19100HD MRF5S19100HR3 |
1990 MHz, 22 W Avg., 28 V, 2 x N–CDMA Lateral N–Channel RF Power MOSFET The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
|
Freescale (Motorola) MOTOROLA[Motorola, Inc]
|