PART |
Description |
Maker |
MF0512M-07ATXX MF0640M-07AFXX MF0128M-07ATXX MF006 |
8/16-bit Data Bus Flash ATA PC Card
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
MF34M1-LZCATXX MF3257-LZCATXX MF3513-LZCATXX MF312 |
512Kb, 8/16-bit data bus static RAM card 128Kb, 8/16-bit data bus static RAM card STATIC RAM CARDS 8/16-bit Data Bus Static RAM Card 16位产品数据总线静态存储器 256Kb, 8/16-bit data bus static RAM card
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
25C640 |
The 25C640 is a 64K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data
|
Microchip
|
MPC5604BEMLL MPC5604BEMLLR MPC5604BEMLQR MPC5602BE |
32-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQFP144 MPC5604B/C Microcontroller Data Sheet MPC5604B/C Microcontroller Data Sheet 32-BIT, FLASH, 64 MHz, MICROCONTROLLER, PQFP100 14 X 14 MM, 1.40 MM HEIGHT, 0.50 MM PITCH, LQFP-100 32-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQFP100 32-BIT, FLASH, 64 MHz, MICROCONTROLLER, PQFP144
|
Freescale Semiconductor, Inc. FREESCALE SEMICONDUCTOR INC
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
CY7C68300C-56LTXC |
EZ-USB AT2LP(TM) USB 2.0 to ATA/ATAPI Bridge; # Endpoints: 7; Core: N/A; Data Transfers: Bulk, Interrupt, Isochronous; Development Kit: CY4615B UNIVERSAL SERIAL BUS CONTROLLER, QCC56
|
Cypress Semiconductor, Corp.
|
AM70PDL127BDH66IS AM70PDL127BDH66IT AM70PDL127BDH8 |
Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP) 堆叠式多芯片封装(MCP / XIP)的快闪记忆体,数据存储的MirrorBit闪存和移动存储芯片(XIP)的 2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS 2 × 64兆位米16位)的CMOS 3.0伏特,只有页面模式闪存数据存28兆位米16位)的CMOS
|
Spansion, Inc. Spansion Inc.
|
ST7FDALIF2B6 |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI (DATA BRIEFING)
|
SGS Thomson Microelectronics
|
MF832M-GNCAVXX MF820M-GMCAVXX MF820M-GNCAVXX MF832 |
MC 6P FR 12 16/1 PVC FLNGD RoHS Compliant: Yes 8/16-bit Data Bus Flash Memory Card 16位产品数据总线闪存 MC 6P FR 12 16/1 PVC FLNGD RoHS Compliant: Yes 16位产品数据总线闪存 16M X 16 FLASH 5V PROM CARD, 150 ns, XMA68
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
R5F21336TNFP R5F21334TNXXXFP R5F21334TNFP R5F21334 |
The R8C/33T Group has data flash (1 KB × 4 blocks) with the background operation (BGO) 32-BIT, FLASH, MICROCONTROLLER, PQFP32 RENESAS MCU
|
Renesas Electronics Corporation http://
|
80960SB N80960SB-16 S80960SB-16 |
EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
|
INTEL[Intel Corporation]
|