PART |
Description |
Maker |
2SC3090 0289 2SC3090M |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits From old datasheet system NPN Triple Diffused Planar Silicon Transistor For Switching Regulators
|
Sanyo Semicon Device
|
2SC3583 2SC3583R 2SC3583S 2SC3583R35 2SC3583R34 2S |
For amplify microwave and low noise. MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体 BJT 双极型晶体管
|
NEC Corp. NEC, Corp.
|
2SC1600D 2SC1642D NE57510 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 20V的五(巴西)总裁|毫安一(c)|希捷- M3 TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 250MA I(C) | TO-46
|
Sanyo Denki Co., Ltd.
|
2SC2351 2SC2351-E 2SC2351-P 2SC2351-F 2SC2351-Q |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 12V V(BR)CEO | 70MA I(C) | SOT-346 晶体管|晶体管|叩| 12V的五(巴西)总裁|提供70mA一(c)|的SOT - 346 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits NPN SILICON HIGH FREQUNY TRANSISTOR HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
|
NEC, Corp. NEC Corp. NEC[NEC]
|
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
2SC780AGTM 2SC780ATM 2SC970 2SC372TM 2SA509GTM 2SC |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 30MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 100MA I(C) | TO-18 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 150MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 150MA I(C) | TO-92 晶体管|晶体管|进步党| 50V五(巴西)总裁| 150毫安一(c)|92 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors 晶体管|晶体管|叩| 50V五(巴西)总裁| 150毫安一(c)|2 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
Air Cost Control
|
0447-0100-07 0447-0250-07 0447-0150-07 0447-0050-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 逻辑IC Logic IC 逻辑IC
|
PacTec Air Cost Control
|
OMH1575-12SC OMH1575-12SCM OMH1575-12SCZM OM1575-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Analog IC 模拟IC
|
Electronic Theatre Controls, Inc. TT electronics Semelab, Ltd. Cirrus Logic, Inc.
|
2SC4109 2SC4109L |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Switching Regulator Applications
|
Sanyo Semicon Device
|
74HC1G86GW/T1 74HCT1G86GW/T1 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits IC-SM-CMOS LOGIC 集成电路钐CMOS逻辑
|
Lumex, Inc.
|
74HC1G14 74HC1G14GW 74HC1G14GW/T1 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Inverting Schmitt-trigger
|
PHILIPS[Philips Semiconductors]
|