PART |
Description |
Maker |
MAN6780 MAN6700 MAN6710 MAN6730 MAN6740 MAN6750 MA |
0.560-INCH SEVEN SEGMENT DISPLAYS
|
QT[QT Optoelectronics]
|
HDSP-8601 HDSP-8606 HDSP-8603 HDSP-8605 HDSP-N156 |
Quiet Series Octal D Flip-Flop with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Tape & Reel 20毫米.8英寸),七段显示 20 mm (0.8 inch) Seven Segment Displays 20毫米.8英寸),七段显示 Octal General-Purpose Interface Bus Transceiver 20-SOIC 0 to 70 20毫米.8英寸),七段显示 Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs 20毫米.8英寸),七段显示 HDSP-3906-EF000 · 20 mm (0.8 inch) Overflow Character Displays HDSP-8606-EF000 · 20 mm (0.8 inch) Overflow Character Displays HDSP-3900-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8601-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3901-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3903-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8603-EF000 · 20 mm (0.8 inch) Seven Segment Displays HDSP-4206 · 20 mm (0.8 inch) Overflow Character Displays HDSP-8606 · 20 mm (0.8 inch) Overflow Character Displays HDSP-3906 · 20 mm (0.8 inch) Overflow Character Displays HDSP-4201 · 20 mm (0.8 inch) Seven Segment Displays HDSP-4203 · 20 mm (0.8 inch) Seven Segment Displays HDSP-4205 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3901 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3903 · 20 mm (0.8 inch) Seven Segment Displays HDSP-3905 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8601 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8603 · 20 mm (0.8 inch) Seven Segment Displays HDSP-8605 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N151 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N153 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N155 · 20 mm (0.8 inch) Seven Segment Displays HDSP-N156 · 20 mm (0.8 inch) Overflow Character Displays
|
NXP Semiconductors N.V. 3M Company Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
MAN6650 MAN6610 MAN6660 MAN6695 MAN6600 MAN6630 MA |
High Efficiency Red 0.56 inch (14.2 mm) Two Digit Frame Display, commond cathode High Efficiency Red 0.56 inch (14.2 mm) Two Digit Frame Display, commond anode 0.560-INCH SEVEN SEGMENT DISPLAYS
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
HDSP-521A HDSP-523A-LL000 HDSP-521A-JJ000 HDSP-521 |
14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display 14.22毫米.56英寸)双位数字通用七段显示 Aluminum Electrolytic Radial Leaded Wide Temp Capacitor; Capacitance: .22uF; Voltage: 200V; Case Size: 5x11 mm; Packaging: Bulk HDSP-521A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display HDSP-523A · 14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
|
3M Company Atmel, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
HDSP-523Y HDSP-52 HDSP-521E HDSP-521G HDSP-521Y HD |
HDSP-523Y · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-523G · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-523E · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-521Y · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-521G · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-521E · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HDSP-A511-JK000 HDSP-H511-GH000 HDSP-F511-IJ000 HD |
7.6 mm(0.3 inch) Micro Bright Seven Segment Displays 40PC Series, Gage; Amplified; Range: 0 psi to 30.0 psi 十四点二毫米0.56英寸),七段显示 10 mm (0.4 inch) Seven Segment Displays 10毫米0.4英寸),七段显示 14.2 mm (0.56 inch) Seven Segment Displays 十四点二毫米0.56英寸),七段显示 ASDX Series, amplified, gage, 0 psi to 15 psi operating pressure, "G2" DIP package, straight port 十四点二毫米.56英寸),七段显示
|
Ecliptek, Corp. Toshiba, Corp. Cree, Inc.
|
HDSP-815E HDSP-815G HDSP-815G-00000 HDSP-816G-0000 |
HDSP-816G · 20 mm (0.8 inch) General Purpose Seven Segment Displays HDSP-816E · 20 mm (0.8 inch) General Purpose Seven Segment Displays HDSP-815G · 20 mm (0.8 inch) General Purpose Seven Segment Displays HDSP-815E · 20 mm (0.8 inch) General Purpose Seven Segment Displays
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
LTS-3403LE LTS3403LE |
The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
光宝科技股份有限公司 LITEON[Lite-On Technology Corporation] LITE-ON Electronics
|
LTS-3401LP LTS3401LP |
The LTS-3401LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3406LY LTS3406LY |
The LTS-3406LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3406LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] 光宝科技股份有限公司 LITE-ON ELECTRONICS INC
|