PART |
Description |
Maker |
PL155AC-213 PLR155AC-213 |
ST. TRB PLUG 9272 Ultra-Low Power RS485 Low EMI Transceiver with Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Ultra-Low Power RS485 Low EMI Transceiver with Shutdown; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C A插头9272
|
Electronic Theatre Controls, Inc.
|
LTC1481CN8 LTC1481CS8 LTC1481I LTC1481IS8 LTC1481I |
Ultra-Low Power RS485 Transceiver with Shutdown From old datasheet system
|
Linear Technology
|
ADC08068BIJ ADC08064CMJ ADC08068CMJ ADC08064BIJ AD |
Quad Low Power RS485 Driver; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Low Power RS485 Interface Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Differential Driver and Receiver Pair; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C Single-Ended Data Acquisition System 单端数据采集系统
|
NEC, Corp.
|
IC62VV1008LL IC62VV1008L IC62VV1008L-100B IC62VV10 |
70ns; 1.8V; 1M x 8 ultra low power CMOS static RAM 1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 100ns; 1.8V; 1M x 8 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
ISL55291 ISL55291EVAL1Z ISL55291IUZ ISL55291IUZ-T1 |
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
|
http:// Intersil Corporation
|
LTC485 LT0485 LTC485C LTC485CJ8 LTC485CN8 LTC485CS |
Low Power RS485 Interface Transceiver From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
ISL55290IUZ-T13 |
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp DUAL OP-AMP, 500 uV OFFSET-MAX, 800 MHz BAND WIDTH, PDSO10
|
Intersil, Corp.
|
2SB1628 2SB1628ZX 2SB1628-ZX-AZ |
3 A, 16 V, PNP, Si, POWER TRANSISTOR 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits Low-VCE(sat) bipolar transistor PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
|
Omron Electronics, LLC NEC Corp.
|
LDO-512 |
Ultra Low Noise, High PSRR, Low Power, 30mA Very Low Dropout Voltage Regulators
|
STMicroelectronics
|
NCP752 NCP752ASN18T1G NCP752ASN33T1G NCP752ASN30T1 |
200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
|
ON Semiconductor
|
MM1065 MM1165T MM1165FT MM1065M MM1165JM MM1165ZM |
Ultra-low power consumption low-saturation three-pin regulator with on/off pin Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin 超低功耗低饱和度三针稳压器的ON / OFF端子
|
MITSUMI[Mitsumi Electronics, Corp.] MITSUMI ELECTRIC CO., LTD.
|
AM27C040-90EI AM27C040-200EI AM27C040-150EI AM27C0 |
x8 EPROM Step-Up/Step-Down Switched Capacitor DC/DC Converters with RESET; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 14-Bit Parallel Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Ultra-Low Power RS485 Low EMI Transceiver with Shutdown; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储
|
Rochester Electronics, LLC
|