PART |
Description |
Maker |
LA7265 LA7265W |
Single-Chip Black and White CCD Camera signal Processing IC
|
SANYO[Sanyo Semicon Device]
|
2SC2229 E000695 |
TRANSISTOR (BLACK AND WHITE TV VIDEO OUTPUT, HIGH VOLTAHE SWITCHING, DRIVER STAGE AUDIO AMPLIFIER APPLICATIONS) BLACK AND WHITE TV VIDEO OUTPUT APPLICATIONS From old datasheet system
|
Toshiba Corporation Toshiba Semiconductor NEC
|
LDS-SMC5602RD-TR |
0.56 SINGLE DIGIT SEVEN SEGMENT DISPLAY SURFACE MOUNT, 565nm GREEN CHIPS, BLACK FACE, MILKY WHITE DIFFUSED
|
List of Unclassifed Manufacturers
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
PDC80-CADW01 |
Black Surface, White Segment
|
P-tec Corporation
|
LA76850 |
Monolithic Linear IC Black & White Television IC
|
Sanyo Semicon Device
|
LCX026ALE |
2.3cm(0.9-inch)Black-and-White LCD Panel
|
SONY
|
LCX028AMT LCX028 LCX028ALT |
4.6cm (1.8-inch) Black-and-White LCD Panel
|
SONY[Sony Corporation]
|
LCX007BNB |
3.4cm(1.35-inch)Black-and-White LCD Panel
|
SONY
|
LCX007BNB LCX007 |
3.4cm (1.35-inch) Black-and-White LCD Panel
|
SONY[Sony Corporation]
|
SIS0100 |
Black and White Image Sensor Camera Module
|
SANYO[Sanyo Semicon Device]
|