PART |
Description |
Maker |
OSM910 OSM910P |
Position Sens ing Detector
|
OPTEK Technologies
|
GMRB6 |
Giant Magneto Resistive Position Sens...
|
Infineon
|
SW960330 |
INVERSEURS DE SENS DE ROTATION MOTOR REVERSER
|
celduc-relais
|
UR5HC418 UR5HC418-FB UR5HC418-FN UR5HC418-P |
THERMISTOR NTC PROBE 500K OHM20% THERMISTOR MINI-SENS NTC 2K OHM AT / PS/2 - Compatible Keyboard Encoder
|
SEMTECH[Semtech Corporation]
|
GMRS6 |
Giant Magneto Resistive Position Sensor 巨磁电阻位置传感 Giant Magneto Resistive Position Sens...
|
INFINEON[Infineon Technologies AG]
|
Q62705-K5002 GMRS4 |
Giant Magneto Resistive Position Sens... Giant Magneto Resistive Position Sensor
|
INFINEON[Infineon Technologies AG]
|
605SJR00375E-T 605SJR00500E-T |
RES CURRENT SENSE .00375 OHM .5W RESISTOR, CURRENT SENSE, METAL STRIP, 0.5 W, 5 %, 100 ppm, 0.00375 ohm, SURFACE MOUNT RES CURRENT SENS .005 OHM .5W 5% RESISTOR, CURRENT SENSE, METAL STRIP, 0.5 W, 5 %, 100 ppm, 0.005 ohm, SURFACE MOUNT
|
Ohmite Mfg. Co.
|
RND0.8ZHH-M6 RND02ZGE-M6 RND02ZGE |
RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming RND系列 - 10W的直直流转换8 - 75V输入3.3 INTEGRATED CKT STATIC SENS RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ±12V Dual Outputs ±15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V 12V Dual Outputs 15V available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 【12V Dual Outputs 【15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ?2V Dual Outputs ?5V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming
|
AZ Displays, Inc. Kingbright, Corp. POWER-ONE[Power-One]
|