PART |
Description |
Maker |
MAX1303 |
The MAX1302/MAX1303 multirange, low-power, 16-bit, successive-approximation, analog-to-digital conve
|
Maxim Integrated Products
|
24C016 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
Integrated Silicon Solution Inc
|
AM41DL3208GB70I AM41DL3208GB85I AM41DL3208GT30IT A |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
AM41DL1634DB30IT AM41DL1634DB45IS AM41DL1634DB70IS |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
W25X80VZPIZ W25X10 W25X10_07 W25X10VDAC W25X10VDAC |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
WINBOND[Winbond]
|
W25X10AL W25X10ALDAIG W25X10ALDAIZ W25X10ALSNIG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
AD7244AQ AD7244JN AD7244JR AD7244SQ3 AD7242BQ AD72 |
CMOS, Dual, Complete 12-Bit Serial DACPORT TM LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs DUAL, SERIAL INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs LC2MOS双,完整2-Bit/14-Bit串行数模转换 LC2MOS Dual/ Complete/ 12-Bit/14-Bit Serial DACs XTAL PLAS SMT 13X5 4PAD
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
MR27V1652E MR27V1652EMA MR27V1652ERA MR27V1652ETN |
1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
|
OKI electronic componets
|
MR53V8052J |
524,288-Word X 16-Bit or 1,048,576-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM From old datasheet system
|
OKI
|
MR533252J-XXTP MR533252J MR533252J-XXMA |
2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
|
OKI[OKI electronic componets]
|
MAX196-MAX198 MAX198 MAX198ACAI MAX198ACNI MAX198A |
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface SPECIALTY ANALOG CIRCUIT, PDIP28 Multirange, Single 5V, 12-Bit DAS with 12-Bit Bus Interface(6通道,100ksps,并行,12位A/D转换 Multirange / Single %V / 12-Bit DAS with 12-Bit Bus Interface Multirange Single %V 12-Bit DAS with 12-Bit Bus Interface 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|