PART |
Description |
Maker |
HFBR-5921L HFBR-5923L HFBR-0572 |
Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver HFBR-5921L · 2.125/1.0625 GBd 850nm VCSEL 3.3V Transceiver for Fibre Channel/Storage in 2x5 SFF PTH Package HFBR-5923L · 2.125/1.0625 GBd 850nm VCSEL 3.3V Transceiver for Fibre Channel/Storage in 2x6 SFF PTH Package HFBR-0572 · Evaluation Kit for SFF PTH Multimode Fibre Channel Applications
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HDMP-2689 |
Quad 2.125/1.0625 GBd Fibre Channel General Purpose SerDes
|
http://
|
HDMP-2689 |
HDMP-2689 · 1.0625-2.125 GBd Four Channel General Purpose SerDes for Fibre Channel/Storage Applications
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
HFBR-5720L HFBR-5720LP |
Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
|
Agilent(Hewlett-Packard)
|
HDMP-1687 |
HDMP-1687 · 1.0625-1.25 GBd Four Channel SerDes for Fibre Channel and Gigabit Ethernet Applications Four Channel SerDes Circuit for Gigabit Ethernet and Fibre Channel
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HFCT-59L1ATL |
HFCT-59L1ATL · 1.25/1.0625 GBd SMF Small Form Factor (SFF) PTH 2x5 Transceiver for GbE & Fibre Channel Applications
|
Agilent (Hewlett-Packard)
|
V23829-M305-B57 |
SFP MM 2.125/1.0625 GBd Transceiver w...
|
Infineon
|
V23826-K15-C13 V23826-K15-C313 V23826-K15-C353 V23 |
Transceivers by Form-factor MSA - Single Mode 1300 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver IC LOGIC 244 CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS TOLERANT I/O 3.3V -40 85C SOIC-20 37/TUBE
|
INFINEON[Infineon Technologies AG]
|
FC/GBESM1300NM10KM |
Transceivers by Form-factor MSA - iSFP™ - 1300 nm; 2.125/ 1.0625 Gbit/s Fibre Channel/ 1.25 Gigabit Ethernet Trx; LC-Connecto
|
Infineon
|
V23848-M305-C56 |
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
|
INFINEON[Infineon Technologies AG]
|
V23818-K305-V17 |
MM 1.0625 GBd FC Transceiver
|
Infineon
|
V23818-K305-V15 |
MM 1.0625 GBd FC Transceiver
|
Infineon
|