PART |
Description |
Maker |
FW156 |
Pch Pch From old datasheet system P-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
Sanyo Semicon Device
|
QS8J4FRA QS8J4FRATR |
-30V Pch Pch Middle Power MOSFET
|
ROHM
|
QS6J11TR |
1.5V Drive Pch Pch MOSFET
|
ROHM
|
QS8J11 QS8J11TCR |
1.5V Drive Pch Pch MOSFET
|
ROHM
|
QS8J2TR |
1.5V Drive Pch Pch MOSFET
|
ROHM
|
US6J11 US6J1109 |
1.5V Drive Pch Pch MOSFET
|
Rohm
|
CPH6605 |
Pch Nch N-Channel and P-Channel Silicon MOSFETs
|
Sanyo Semicon Device
|
UPSD3433E-40T6 UPSD3453E-40U6T UPSD3453E-40T6T UPS |
MOSFET, Switching; VDSS (V): 40; ID (A): 40; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.0038; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2280; toff (µs) typ: 0.041; Package: LFPAK MOSFET, Switching; VDSS (V): 30; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0025; RDS (ON) typ. (ohm) @4V[4.5V]: [0.003]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7600; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 20; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0021; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0028]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7750; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 450; ID (A): 0.7; Pch : -; RDS (ON) typ. (ohm) @10V: 5.5; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 140; toff (µs) typ: -; Package: SOP-8 MOSFET, Switching; VDSS (V): 12; ID (A): 3.5; Pch : 0.9; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.026]; RDS (ON) typ. (ohm) @2.5V: 0.034; Ciss (pF) typ: 770; toff (µs) typ: 0.036; Package: CMFPAK-6 MOSFET, Switching; VDSS (V): 80; ID (A): 30; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0115]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 3520; toff (µs) typ: -; Package: WPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制 Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic Turbo Plus系列高速涡032 USB和可编程逻辑控制 MOSFET, Switching; VDSS (V): 100; ID (A): 25; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.012; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 4350; toff (µs) typ: 0.037; Package: LFPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制
|
意法半导 STMicroelectronics N.V.
|
MCH5818 |
Pch SBD MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
|
Sanyo Semicon Device
|
FAN2500_FAN2501 FAN2501S25 FAN2501S28 FAN2500X25 F |
Pch Power MOSFET; ; Package: TPS; R DS On (Ω): (max 0.2) (max 0.12); I_S (A): (max -5) Pch Power MOSFET; Surface Mount Type: N; Package: PW-MINI; R DS On (Ω): (max 0.76) (max 0.45); I_S (A): (max -2) From old datasheet system 100 mA CMOS LDO Regulators
|
Fairchild Semiconductor
|
UPA1818 UPA1818GR-9JG UPA1818GR-9JG-A UPA1818GR-9J |
Pch enhancement MOS FET P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING P沟道MOS场效应晶体管开 10000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET POWER, TSSOP-8
|
NEC Corp. NEC, Corp. Lattice Semiconductor, Corp.
|