PART |
Description |
Maker |
LTC6081 LTC6081CDD- LTC6081CDD-PBF LTC6081CDD-TR L |
Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
|
Linear Technology
|
LTC6078CMS8 LTC6079CGN LTC6079IGN LTC6078CDD LTC60 |
Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
|
LINER Linear Technology
|
LMV321 |
General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
|
Cadeka Microcircuits LLC.
|
HMC591LP5 |
high dynamic range GaAs PHEMT MMIC 1 Watt Power Amplifi
|
Hittite Microwave Corporation
|
3SK263-5-TG-E EN4423C 3SK26312 EN4423 |
N-Channnel Dual Gate MOSFET, 15V, 30mA, PG=21dB, NF=1.1dB, CP4 FM Tuner, VHF Tuner, High-Frequency Amplifi er Applications
|
ON Semiconductor Sanyo Semicon Device
|
LTC6404IUD-1-PBF LTC6404IUD-1-TRPBF LTC6404IUD-2-P |
600MHz, Low Noise, High Precision Fully Differential Input/Output Amplier/Driver; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 500 MHz BAND WIDTH, PQCC16 600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
MGA-31816-BLKG |
0.1 W High Linearity Driver Amplifi er
|
AVAGO TECHNOLOGIES LIMITED
|
MGA-638P8-BLKG MGA-638P8-TR1G |
High Linearity Low Noise Amplifi er
|
AVAGO TECHNOLOGIES LIMI...
|
BA5417 |
High-output dual power amplifier
|
ROHM[Rohm]
|
VRD1A1DLTX VRD1A1ELTX VRD1A25LTX VRD1A2FLTX VRD1A2 |
High speed, Low dropout, 1% High output accuracy CMOS Voltage Regulator with Dual output
|
AnaSem Hong Kong Limited
|