PART |
Description |
Maker |
S29GL032A10FFIR22 S29GL032A10TFIR32 S29GL032A10TFI |
Up-to-200kHz Multi-topology PWM Voltage-Mode Controller - PB Free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 Up-to-200kHz Multi-topology PWM Voltage-Mode Controller - PB Free; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 2M X 16 FLASH 3V PROM, 110 ns, PDSO56 3-36V Quad Channel Operational Amplifier, Ta = -40 to 85°C - Pb-free; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 64兆位32MEGABIT 3.0螺栓只页面模式闪 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 2M X 16 FLASH 3V PROM, 110 ns, PDSO48 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 2M X 16 FLASH 3V PROM, 100 ns, PDSO48 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 2M X 16 FLASH 3V PROM, 100 ns, PBGA48 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 2M X 16 FLASH 3V PROM, 90 ns, PBGA48 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 64兆位32MEGABIT 3.0螺栓只页面模式闪 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 2M X 16 FLASH 3V PROM, 110 ns, PBGA64 64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY 2M X 16 FLASH 3V PROM, 100 ns, PBGA64 Up-to-100kHz Multi-topology Burst-Mode Voltage-Mode Controller with 40V / 1.5A Switch; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 1.5A Step-Up/Step-Down/Inv Regulator with 40V / 1.5A Switch (Ext Temp); Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 1.5A Step-Up/Step-Down/Inv Regulator with 40V / 1.5A Switch (Ext Temp); Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 3-36V Quad Channel Operational Amplifier, Ta = -40 to 85°C; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500
|
SPANSION LLC Spansion, Inc. Spansion Inc.
|
S29GL064N90DFI040 S29GL064N90BFI033 S29GL032N90TFI |
4M X 16 FLASH 3V PROM, 90 ns, PBGA64 9 X 9 MM, LEAD FREE, FBGA-64 4M X 16 FLASH 3V PROM, 90 ns, PBGA48 64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
|
Spansion, Inc. SPANSION LLC
|
S29GL064M90TAIR12 S29GL064M90TAIR40 S29GL064M90TAI |
256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 レm MirrorBit Process Technology
|
SPANSION[SPANSION]
|
AM29PDS322DB120WMI AM29PDS322DT100WMI AM29PDS322DT |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
|
SPANSION AMD[Advanced Micro Devices]
|
AM41PDS3224DB35IS AM41PDS3224DB40IS AM41PDS3224DT1 |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位).8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位)1.8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
P320DT70RI P320DT60RI P320DT70VI P320DT90VI AM29PL |
32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
|
AMD[Advanced Micro Devices]
|
AM29PL320DT90 AM29PL320D AM29PL320DB60R AM29PL320D |
32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
|
SPANSION[SPANSION]
|
P320DT70RI P320DT70VI |
32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
|
Advanced Micro Devices, Inc.
|
ACT-PD1M16N-070L4I ACT-PD1M16X-070L4I ACT-PD1M16Y- |
ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
|
Aeroflex Circuit Technology
|
AM29PDL129H5VKI AM29PDL129H8VKI AM29PDL129H6VKI PD |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control and Dual chip Enable
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|