PART |
Description |
Maker |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1 |
800mA low dropout regulator 2,5V 800mA low dropout regulator 3V 800mA low dropout regulator 1,5V 800mA low dropout regulator 5V 800mA Low Dropout Regulator SCSI-II Active Terminator AB 2C 2#16 SKT RECP 800mA low dropout regulator 2,85V 800mA low dropout regulator 3,3V
|
ALPHA Semiconductor Alpha Industries Inc ETC[ETC] ALPHA[Alpha Industries] Alpha Industries, Inc.
|
AAT1110 AAT1110IJS-0.6-T1 AAT111006 |
1.4MHz 800mA Step-Down DC/DC Converter Fast Transient 800mA Step-Down Converter
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
TPB100RL TPB180RL TPB220RL TPB130RL |
SINGLE BIDIRECTIONAL BREAKOVER DIODE|133V V(BO) MAX|800MA I(S)|AXIAL-10 SINGLE BIDIRECTIONAL BREAKOVER DIODE|240V V(BO) MAX|800MA I(S)|AXIAL-10 SINGLE BIDIRECTIONAL BREAKOVER DIODE|293V V(BO) MAX|800MA I(S)|AXIAL-10 单双向击穿二极管| 293V五(公报)最大| 800mA的我(县)|轴流- 10 SINGLE BIDIRECTIONAL BREAKOVER DIODE|173V V(BO) MAX|800MA I(S)|AXIAL-10 单双向击穿二极管| 173V五(公报)最大| 800mA的我(县)|轴流- 10
|
STMicroelectronics N.V. International Rectifier, Corp.
|
CQ92MT CQ92BT |
TRIAC|200V V(DRM)|800MA I(T)RMS|TO-92 TRIAC|600V V(DRM)|800MA I(T)RMS|TO-92 可控硅| 600V的五(DRM)的| 800mA的我(T)的有效值|92
|
Orion Fans
|
CDBF0320-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=20V, V-R=20V, I-O=0.35A
|
Comchip Technology
|
SP6654 SP6654ER SP6654EU SP6654EU_TR SP6654ER_TR S |
High Efficiency 800mA Synchronous Buck Regulator w/power good High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery 高效00mA的同步降压稳压器的理想与锂离子电池供电的便携式设
|
SIPEX[Sipex Corporation] Exar, Corp.
|
74802 GS1117CE GS1117CE-2.5 GS1117CE-2.85 GS1117CE |
800mA Low Dropout Positive Adjustable Regulator 800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250, Pin Plunger Actuator, 6,12 N - 7,78 N [22 oz - 28 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
X2784AG-08TT I2781A-08SR I2781A-08ST I2781A-08TR I |
PS MEDICAL SWITCHER 15V .73A 156 MHz, OTHER CLOCK GENERATOR, PDSO8 General Purpose EMI Reduction IC 156 MHz, OTHER CLOCK GENERATOR, PDSO8 General Purpose EMI Reduction IC 312 MHz, OTHER CLOCK GENERATOR, PDSO8 General Purpose EMI Reduction IC 78 MHz, OTHER CLOCK GENERATOR, PDSO8 PS LINEAR DUAL 5V@6A 9-15@2.5A ICs for Inductive Proximity Switches; Package: P-DSO-14; VCC (min): 5.0 V; VCC (max): 30.0 V; ICC (max): 0.9 mA; IQ (max): 50.0 mA; Operating Temperature (min): -25.0 degC; ICs for Inductive Proximity Switches; VCC (min): 5.0 V; VCC (max): 30.0 V; ICC (max): 0.9 mA; IQ (max): 50.0 mA; Operating Temperature (min): -25.0 degC; ICs for Inductive Proximity Switches; Package: P-DSO-8; VCC (min): 5.0 V; VCC (max): 30.0 V; ICC (max): 1.0 mA; IQ (max): 50.0 mA; Operating Temperature (min): -25.0 degC; ICs for Inductive Proximity Switches; Package: P-DSO-8; VCC (min): 5.0 V; VCC (max): 30.0 V; ICC (max): 1.0 mA; IQ (max): 50.0 mA; Operating Temperature (min): -25.0 degC;
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation] http://
|
CDBK0520L |
Small Signal Schottky Diodes, V-RRM=20V, V-R=20V, I-O=500mA SMD Schottky Barrier Diode
|
Comchip Technology
|
STT358512 |
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
|
SeCoS Halbleitertechnologie GmbH
|
NSS20300MR6T1G |
20V, 5A, Low VCE(sat) PNP Transistor(20V,5A,低VCE(sat),PNP型晶体管)
|
ON Semiconductor
|